Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
7.6 Typical Characteristics (continued)
At TA = +25°C, VS = 5.5 V, RL = 10 kΩ, RF= 5 kΩ, CF= 2.5 pF, VCM = midsupply – 0.5 V, G = 6 V/V (unless otherwise noted).
Capacitive Load (pF)
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
D015
VS = 5 V, Overshoot
VS = 5 V, Undershoot
VS = 2.2 V, Overshoot
VS = 2.2 V, Undershoot
.
VOUT = 200 mVPP
.
Figure 7-19. Overshoot vs Capacitive Load
Input Offset Voltage (mV)
0
500
1000
1500
2000
2500
3000
3500
4000
D022
VS = 5.5V
VS = 2.2V
.
9000 units
.
Figure 7-20. Input Offset Voltage Distribution
Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
-100
-80
-60
-40
-20
0
20
40
60
80
100
D023
.
32 Units, Normalized to
VOS = 0V at 25°C
.
Figure 7-21. Input Offset Voltage vs Temperature
Offset Voltage Drift (PV/qC)
0
1
2
3
4
5
6
7
8
9
10
11
12
D024
.
32 Units, –40°C to
+125°C
.
Figure 7-22. Input Offset Drift Distribution
Input Common Mode Voltage (V)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
2
4
6
8
2
4
6
8
D028
.
VS = ±2.75 V
.
Figure 7-23. Input Offset vs Common Mode Voltage
VS (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
D029
.
32 Units
.
Figure 7-24. Input Offset vs Supply
www.ti.com
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com