Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
9.2.2 Noninverting Gain of 3 V/V
The OPAx607-Q1 devices are normally stable in noise gain configurations (see SBOA066) of greater than 6
V/V when conventional feedback networks are used, which is discussed in Section 8.3.4. The OPAx607-Q1
devices can be configured in noise gains of less than 6 V/V by using capacitors in the feedback path and
between the inputs to maintain the desired gain at lower frequencies and increase the gain greater that 6
V/V at higher frequencies such that the amplifier is stable. Configuration (a) in Figure 9-6 shows OPAx607-Q1
devices configured in a gain of 3 V/V by using capacitors and resistors to shape the noise gain and achieve a
phase margin of approximately 56° that is very close to the phase margin achieved for the conventional 6 V/V
configuration (b) in Figure 9-6.
The key benefit of using a decompensated amplifier (such as the OPAx607-Q1) below the minimum stable
gain, is that it takes advantage of the low noise and low distortion performance at quiescent powers smaller
than comparable unity-gain stable architectures. By reducing the 100-pF input capacitor, higher closed-loop
bandwidth can be achieved at the expense of increased peaking and reduced phase margin. Ensure that low
parasitic capacitance layout techniques on the IN– pin are as small as 1 pF to 2 pF of parasitic capacitance
on the inverting input, which will require tweaking the noise-shaping component values to get a flat frequency
response and the desired phase margin. Configurations in Figure 9-6 does not take into account this parasitic
capacitance but it must be considered for practical purposes. Details on the benefits of decompensated
architectures are discussed in Using a decompensated op amp for improved performance. The one-capacitor,
externally compensated type method is used for noise gain shaping in the below circuit.
In a difference amplifier circuit, typically used for low side current sensing applications, the (noise gain) = (signal
gain + 1).
VO
+5 V
0 V
+
±
2 k
2.5 pF
OPAx607-Q1
VIN
1 k
100 pF
(a) G = 3 V/V
VO
+5 V
0 V
+
±
OPAx607-Q1
VIN
1 k
(b) G = 6 V/V
470
5 k
2.5 pF
+
±
+5 V
1 NŸ
1NŸ
ISH
LOAD
GND
2 NŸ
2 NŸ
RSH
0V
2.5 pF
2.5 pF
GND
(c) G = 2 V/V
OPAx607-Q1
100 pF
470
Figure 9-6. Noninverting Gain of 3 V/V, 6 V/V Configurations, and Difference Amplifier in Signal Gain of 2
V/V
www.ti.com
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com