Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6750 Datasheet HTML 26Page - Analog Devices ADRF6750 Datasheet HTML 27Page - Analog Devices ADRF6750 Datasheet HTML 28Page - Analog Devices ADRF6750 Datasheet HTML 29Page - Analog Devices ADRF6750 Datasheet HTML 30Page - Analog Devices ADRF6750 Datasheet HTML 31Page - Analog Devices ADRF6750 Datasheet HTML 32Page - Analog Devices ADRF6750 Datasheet HTML 33Page - Analog Devices ADRF6750 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADRF6750
Rev. A | Page 30 of
40
Table 19. Register CR24 (Address 0x18), Autocalibration
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
Reserved
2
Reserved
1
Reserved
0
Disable autocalibration
0 = enable autocalibration (default)
1 = disable autocalibration
Table 20. Register CR27 (Address 0x1B), LO Monitor Output
and External VCO Control
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
External VCO control
0 = internal VCO selected
1 = external VCO selected
2
Power up LO monitor output
0 = power down (default)
1 = power up
[1:0]
Monitor output power into 50 Ω
00 = −24 dBm (default)
01 = −18 dBm
10 = −12 dBm
11 = −6 dBm
Table 21. Register CR28 (Address 0x1C), Internal VCO
Power-Down
Bit
Description
7
Reserved
6
Reserved
5
Internal VCO power-down
0 = power up (default)
1 = power down
4
Reserved
3
Reserved
2
Reserved
1
Reserved
0
Reserved
Table 22. Register CR29 (Address 0x1D), Modulator
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
Reserved
2
Reserved
1
Reserved
0
Power up modulator
0 = power down (default)
1 = power up
Table 23. Register CR30 (Address 0x1E), Attenuator
Bit
Description
7
Reserved
6
Reserved
[5:0]
Attenuator A5 to Attenuator A0
000000 = 0 dB
000001 = 1 dB
000010 = 2 dB
…
011111 = 31 dB
110000 = 32 dB
110001 = 33 dB
…
111101 = 45 dB
111110 = 46 dB
111111 = 47 dB
Table 24. Register CR33 (Address 0x21), Revision Code1
Bit
Description
7
Revision code
6
Revision code
5
Revision code
4
Revision code
3
Revision code
2
Revision code
1
Revision code
0
Revision code
1 Read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com