Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6750 Datasheet HTML 10Page - Analog Devices ADRF6750 Datasheet HTML 11Page - Analog Devices ADRF6750 Datasheet HTML 12Page - Analog Devices ADRF6750 Datasheet HTML 13Page - Analog Devices ADRF6750 Datasheet HTML 14Page - Analog Devices ADRF6750 Datasheet HTML 15Page - Analog Devices ADRF6750 Datasheet HTML 16Page - Analog Devices ADRF6750 Datasheet HTML 17Page - Analog Devices ADRF6750 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADRF6750
Rev. A | Page 14 of 4
0
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
100
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
Figure 29. Phase Noise Performance Distribution at Worst-Case Conditions
–70
–65
–60
–55
–50
–45
–40
LO FREQUENCY (MHz)
+25°C; 5.00V
+85°C; 4.75V
+85°C; 5.25V
–40°C; 4.75V
–40°C; 5.25V
Figure 30. Integer Boundary Spur Performance vs. LO Frequency,
Supply, and Temperature
0
10
20
30
40
50
60
70
80
–80
–75
–70
–65
–60
–55
–50
–45
–40
INTEGER BOUNDARY SPURS (dBc)
NOMINAL
WORST CASE
–85
Figure 31. Integer Boundary Spur Distribution at Nominal
and Worst-Case Conditions
–120
–110
–100
–90
–80
–70
–60
LO FREQUENCY (MHz)
PFD SPURS AT 20MHz OFFSET
REFERENCE SPURS AT 10MHz OFFSET
Figure 32. Spurs > 10 MHz from Carrier vs. LO Frequency,
Supply, and Temperature
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
LO FREQUENCY (MHz)
Figure 33. Integrated Phase Noise vs. LO Frequency at
Nominal Conditions
0
10
20
30
40
50
60
0.300
0.275
0.325 0.350 0.375 0.400 0.425 0.450 0.475 0.500
RMS JITTER (Degrees)
NOMINAL
WORST CASE
Figure 34. Integrated Phase Noise at Nominal and
Worst-Case Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com