Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6750 Datasheet HTML 1Page - Analog Devices ADRF6750 Datasheet HTML 2Page - Analog Devices ADRF6750 Datasheet HTML 3Page - Analog Devices ADRF6750 Datasheet HTML 4Page - Analog Devices ADRF6750 Datasheet HTML 5Page - Analog Devices ADRF6750 Datasheet HTML 6Page - Analog Devices ADRF6750 Datasheet HTML 7Page - Analog Devices ADRF6750 Datasheet HTML 8Page - Analog Devices ADRF6750 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ADRF6750
Rev. A | Page 5 of
40
TIMING CHARACTERISTICS
I2C Interface Timing
Table 2.
Parameter1
Symbol
Limit
Unit
SCL Clock Frequency
fSCL
400
kHz max
SCL Pulse Width High
tHIGH
600
ns min
SCL Pulse Width Low
tLOW
1300
ns min
Start Condition Hold Time
tHD;STA
600
ns min
Start Condition Setup Time
tSU;STA
600
ns min
Data Setup Time
tSU;DAT
100
ns min
Data Hold Time
tHD;DAT
300
ns min
Stop Condition Setup Time
tSU;STO
600
ns min
Data Valid Time
tVD;DAT
900
ns max
Data Valid Acknowledge Time
tVD;ACK
900
ns max
Bus Free Time
tBUF
1300
ns min
1 See Figure 2.
SDA
tHD;STA
tSU;DAT
START
CONDITION
STOP
CONDITION
S
SS
P
SCL
1/
fSCL
tHIGH
tLOW
tHD;DAT
tVD;DAT AND
tVD;ACK (ACK SIGNAL ONLY)
tBUF
tSU;STO
tSU;STA
Figure 2. I2C Port Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com