Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 33 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6750 Datasheet HTML 29Page - Analog Devices ADRF6750 Datasheet HTML 30Page - Analog Devices ADRF6750 Datasheet HTML 31Page - Analog Devices ADRF6750 Datasheet HTML 32Page - Analog Devices ADRF6750 Datasheet HTML 33Page - Analog Devices ADRF6750 Datasheet HTML 34Page - Analog Devices ADRF6750 Datasheet HTML 35Page - Analog Devices ADRF6750 Datasheet HTML 36Page - Analog Devices ADRF6750 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ADRF6750
Rev. A | Page 33 of
40
Baseband Inputs
The pair of I and Q baseband inputs are served by SMA inputs
so that they can be driven directly from an external generator,
which can also provide the dc bias required. An option is
provided to supply this dc bias through Connector J1, as well.
There is also an option to filter the baseband inputs, although
filtering may not be required, depending on the quality of the
baseband source.
Loop Filter
A fourth-order loop filter is provided at the output of the charge
pump and is required to adequately filter noise from the Σ-Δ
modulator used in the N-divider. With the charge pump current
set to a midscale value of 2.5 mA and using the on-chip VCO,
the loop bandwidth is approximately 60 kHz, and the phase
margin is 55°. C0G capacitors are recommended for use in the
loop filter because they have low dielectric absorption, which is
required for fast and accurate settling time. The use of non-C0G
capacitors may result in a long tail being introduced into the
settling time transient.
Reference Input
The reference input can be supplied by a 10 MHz Taitien clock
generator or by an external clock through the use of Connector J7.
The frequency range of the reference input is from 10 MHz to
20 MHz; if the lower frequency clock is used, the on-chip reference
frequency doubler should be used to set the PFD frequency to
20 MHz to optimize phase noise performance.
TESTLO Inputs
These pins are differential test inputs that allow a variety of
debug options. On this board, the capability is provided to drive
these pins with an external 2× LO signal that is then applied to
an Anaren balun to provide a differential input signal.
When driving the TESTLO pins, the PLL can be bypassed, and the
modulator can be driven directly by this external 2× LO signal.
These inputs also require a dc bias; the following two options
are provided:
•
A dc bias point of 3.3 V through a series inductor path.
A resistor in parallel is provided to de-Q any resonance.
•
A dc bias point, which can be varied from 0 V to 3.3 V
through a resistor divider network. Note that these resistors
should be large in value to ensure that the current drawn is
small and that the resistors have little effect on the input
resistance.
If these pins are not used, ground them by inserting 0 Ω resistors
in R47 and R54.
LOMON Outputs
These pins are differential LO monitor outputs that provide a
replica of the internal LO frequency at 1× LO. The single-ended
power in a 50 Ω load can be programmed to −24 dBm, −18 dBm,
−12 dBm, or −6 dBm. These open-collector outputs must be
terminated to 3.3 V. Because both outputs must be terminated
to 50 Ω, options are provided to terminate to 3.3 V using on-
board 50 Ω resistors or by series inductors (or a ferrite bead),
in which case the 50 Ω termination is provided by the measuring
instrument. If not used, these outputs should be tied to REGOUT.
CCOMPx Pins
The CCOMPx pins are internal compensation nodes that must
be decoupled to ground with a 100 nF capacitor.
MUXOUT
MUXOUT is a test output that allows different internal nodes
to be monitored. It is a CMOS output stage that requires no
termination.
Lock Detect (LDET)
Lock detect is a CMOS output that indicates the state of the
PLL. A high level indicates a locked condition, and a low level
indicates a loss of lock condition.
TXDIS
This input disables the RF output. It can be driven from an exter-
nal stimulus or simply connected high or low by Jumper J18.
RF Output (RFOUT)
RFOUT is the RF output of the ADRF6750. RFOUT MOD
should be grounded in the user application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com