Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 38 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADRF6750 Datasheet HTML 32Page - Analog Devices ADRF6750 Datasheet HTML 33Page - Analog Devices ADRF6750 Datasheet HTML 34Page - Analog Devices ADRF6750 Datasheet HTML 35Page - Analog Devices ADRF6750 Datasheet HTML 36Page - Analog Devices ADRF6750 Datasheet HTML 37Page - Analog Devices ADRF6750 Datasheet HTML 38Page - Analog Devices ADRF6750 Datasheet HTML 39Page - Analog Devices ADRF6750 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ADRF6750
Rev. A | Page 38 of
40
BILL OF MATERIALS
Table 25. Bill of Materials
Qty
Reference Designator
Description
Manufacturer
Part Number
1
DUT
ADRF6750 LFCSP, 56-lead 8 mm × 8 mm
Analog Devices
ADRF6750ACPZ
1
Y2
VCO, 10 MHz
Jauch
O 10.0-VX3Y-T1
1
SPI
Connector, 9-pin, D-sub plug, SDEX9PNTD
ITW McMurdo
FEC 150750
1
CONN
Connector, I2C, SEMCONN receptacle
Molex
15830064
2
C1, C21
Capacitor, 10 μF, 25 V, tantalum, TAJ-C
AVX
FEC 197518
13
C2, C4, C6, C8, C10, C12, C14, C16,
C18, C19, C48, C53, C55
Capacitor, 10 pF, 50 V, ceramic, C0G, 0402
Murata
FEC 8819564
15
C3, C5, C7, C9, C11, C13, C15, C17,
C22, C47, C49 to C52, C54
Capacitor, 100 nF, 25 V, X7R, ceramic, 0603
AVX
FEC 317287
1
C20
Capacitor, 220 μF, 6.3 V, tantalum, Case Size C
AVX
FEC 197087
4
C30 to C33
Capacitor spacing, 0402 (do not install)
1
C26
Capacitor, 1 nF, 50 V, XR7, ceramic, 0603
Murata
FEC 722170
1
C24
Capacitor, 47 nF, 50 V, Xr7, ceramic, 1206
Murata
FEC 1740542
2
C23, C25
Capacitor, 680 pF, 50 V, NPO, ceramic, 0603
Murata
FEC 430997
4
C38, C39
Capacitor, 1 nF, 50 V, C0G, ceramic, 0402
Murata
FEC 8819556
4
C40, C44, C46, C57
Capacitor, 100 pF, 50 V, C0G, ceramic, 0402
Murata
FEC 8819572
12
J1 to J5, J7, J10 to J12, J14, J15,
TXDIS
SMA end launch connector
Johnson/Emerson
142-0701-851
3
J18, J20, J21
Jumper, 3-pin + shunt
Harwin
FEC 148533 and
FEC 150411
4
L1, L2
Inductor, 20 nH, 0402, LQW series
Murata
LQW15AN20N
4
L3, L4
Inductor, 10 μH, 0805, LQM series
Murata
LQM21FN1N100M
4
R2 to R5
Resistor spacing, 0603 (user-defined values)
5
R6 to R9, R36
Resistor, 0 Ω, 1/16 W, 1%, 0402
Vishay Draloric
FEC 1158241
2
R10, R11
Resistor, 0402, spacing (do not install)
1
R13
Resistor, 4.7 kΩ, 1/10 W, 1%, 0603
Bourns
CR0603-FX-472
2
R14, R39
Resistor, 1.2 kΩ, 1/10 W, 5%, 0603
Yageo
FEC 9233393
2
R12, R16
Resistor, 270 Ω, 1/16 W, 1%, 0603
Multicomp
FEC 9330917
1
R15
Resistor, 300 Ω, 1/16 W, 1%, 0603
Multicomp
FEC 93330968
2
R17, R18
Resistor, 0603, spacing (do not install)
3
R35, R44, R45
Resistor, 51 Ω, 1/16 W, 5%, 0402
Bourns
CR0402-JW-510
4
R48 to R51
Resistor, 330 Ω, 1/10 W, 5%, 0805
Bourns
CR0805-JW-331
3
R59 to R61
Resistor, 100 Ω, 1/10 W, 5%, 0805
Bourns
CR0805-JW-101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com