Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6750 Datasheet HTML 12Page - Analog Devices ADRF6750 Datasheet HTML 13Page - Analog Devices ADRF6750 Datasheet HTML 14Page - Analog Devices ADRF6750 Datasheet HTML 15Page - Analog Devices ADRF6750 Datasheet HTML 16Page - Analog Devices ADRF6750 Datasheet HTML 17Page - Analog Devices ADRF6750 Datasheet HTML 18Page - Analog Devices ADRF6750 Datasheet HTML 19Page - Analog Devices ADRF6750 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADRF6750
Rev. A | Page 16 of
40
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
LO FREQUENCY (MHz)
Figure 41. Attenuator Absolute Step Accuracy over all Attenuation Steps
vs. LO Frequency, Nominal Conditions
0
10
20
30
40
50
60
70
ATTENUATOR ABSOLUTE STEP ACCURACY (dB)
NOMINAL
WORST CASE
Figure 42. Attenuator Absolute Step Accuracy Distribution at Nominal
and Worst-Case Conditions
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
LO FREQUENCY (MHz)
Figure 43. Attenuator Absolute Step Accuracy over all Attenuation Steps
vs. LO Frequency for External VCO Mode, Nominal Conditions
1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
LO FREQUENCY (MHz)
Figure 44. Gain Flatness in any 40 MHz for all Attenuation Steps vs.
LO Frequency at Nominal Conditions
0
0.5
1.0
1.5
1dB TO 6dB ATTENUATOR STEP SIZES
INCREASING STEP SIZE
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SETTLING TIME TO 0.2dB
SETTLING TIME TO 0.5dB
Figure 45. Attenuator Settling Time to 0.2 dB and 0.5 dB for Small Steps
(1 dB to 6 dB) at Nominal Conditions
0
2
4
6
8
10
12
14
16
18
20
SETTLING TIME TO 0.2dB
SETTLING TIME TO 0.5dB
7dB TO 47dB ATTENUATOR STEP SIZES
INCREASING STEP SIZE
Figure 46. Attenuator Settling Time to 0.2 dB and 0.5 dB for Large Steps
(7 dB to 47 dB) at Nominal Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com