Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6750 Datasheet HTML 8Page - Analog Devices ADRF6750 Datasheet HTML 9Page - Analog Devices ADRF6750 Datasheet HTML 10Page - Analog Devices ADRF6750 Datasheet HTML 11Page - Analog Devices ADRF6750 Datasheet HTML 12Page - Analog Devices ADRF6750 Datasheet HTML 13Page - Analog Devices ADRF6750 Datasheet HTML 14Page - Analog Devices ADRF6750 Datasheet HTML 15Page - Analog Devices ADRF6750 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADRF6750
Rev. A | Page 12 of
40
20
21
22
23
24
25
26
27
28
29
30
OUTPUT IP3 INTERCEPT POINT (dBm)
Figure 17. Output IP3 vs. LO Frequency at Nominal Conditions
–140
–130
–120
–110
–100
–90
–80
–70
–60
LO FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 47dB
ATTENUATION
= 21dB
Figure 18. LO Off Isolation vs. Attenuation, LO Frequency, Supply,
and Temperature
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
LO FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 21dB
ATTENUATION = 47dB
Figure 19. 2 × LO Off Isolation vs. Attenuation, LO Frequency, Supply,
and Temperature
–120
–110
–100
–90
–80
–70
–60
–50
–40
LO FREQUENCY (MHz)
UPPER THIRD HARMONIC (
fLO +3 × fBB)
UPPER SECOND HARMONIC (
fLO + 2 × fBB)
LOWER THIRD HARMONIC (
fLO –3 × fBB)
LOWER SECOND HARMONIC (
fLO –2 × fBB)
Figure 20. Second-Order and Third-Order Harmonic Distortion vs.
LO Frequency, Supply, and Temperature
0
10
20
30
40
50
60
70
80
90
100
–180 –176 –172 –168 –164 –160 –156 –152 –148 –144 –140
(dBm/Hz) NOISE FLOOR AT 15MHz OFFSET FREQUENCY (dBc/Hz)
ATTENUATION =
21dB (dBc/Hz)
ATTENUATION =
0dB (dBc/Hz)
ATTENUATION =
21dB (dBm/Hz)
ATTENUATION =
47dB (dBm/Hz)
Figure 21. Noise Floor at 15 MHz Offset Frequency Distribution at
Worst-Case Conditions and Different Attenuation Settings
–170
–165
–160
–155
–150
–145
–140
–25
–20
–15
–10
–5
0
5
10
OUTPUT POWER (dBm)
Figure 22. Noise Floor at 0 dB Attenuation vs. Output Power
at Nominal Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com