Electronic Components Datasheet Search
  English  ▼

X  

ADRF6750 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6750 Datasheet HTML 15Page - Analog Devices ADRF6750 Datasheet HTML 16Page - Analog Devices ADRF6750 Datasheet HTML 17Page - Analog Devices ADRF6750 Datasheet HTML 18Page - Analog Devices ADRF6750 Datasheet HTML 19Page - Analog Devices ADRF6750 Datasheet HTML 20Page - Analog Devices ADRF6750 Datasheet HTML 21Page - Analog Devices ADRF6750 Datasheet HTML 22Page - Analog Devices ADRF6750 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
ADRF6750
Rev. A | Page 19 of
40
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 55. PFD Simplified Schematic
Lock Detect (LDET)
LDET (Pin 44) signals when the PLL has achieved lock to an
error frequency of less than 100 Hz. On a write to Register CR0,
a new PLL acquisition cycle starts, and the LDET signal goes
low. When lock has been achieved, this signal returns high.
Voltage-Controlled Oscillator (VCO)
The VCO core in the ADRF6750 consists of two separate VCOs,
each with 16 overlapping bands. Figure 56 shows an acquisition
plot demonstrating both the VCO overlap at roughly 1260 MHz
and the multiple overlapping bands within each VCO. The
choice of two 16-band VCOs allows a wide frequency range to
be covered without a large VCO sensitivity (KVCO) and resultant
poor phase noise and spurious performance. Note that the VCO
range is larger than the 2× LO frequency range of the part to
ensure that the device has enough margin to cover the full
frequency range over all conditions.
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
800
900
1000
1100
1200
1300
1400
1500
1600
1700
LO FREQUENCY (MHz)
Figure 56. VTUNE vs. LO Frequency
The correct VCO and band are chosen automatically by the
VCO and band select circuitry when Register CR0 is updated.
This is referred to as autocalibration.
The autocalibration time is set to 50 μs. During this time, the
VCO VTUNE is disconnected from the output of the loop filter
and is connected to an internal reference voltage. A typical
frequency acquisition is shown in Figure 57.
10
100
1k
10k
100k
1M
10M
100M
1G
0
20 40 60 80 100 120 140 160 180 200 220 240 260 280 300
TIME (µs)
AUTOCAL
TIME (µs)
ACQUISITION TO 100Hz
Figure 57. PLL Acquisition
After autocalibration, normal PLL action resumes and the
correct frequency is acquired to within a frequency error of
100 Hz in 170 μs typically.
For a maximum cumulative step of 100 kHz, autocalibration
can be turned off by Register CR24, Bit 0. This enables cumu-
lative PLL acquisitions of 100 kHz or less to occur without the
autocalibration procedure, which improves acquisition times
significantly (see Figure 58).
10
100
1k
10k
100k
0
50
100
150
200
TIME (µs)
ACQUISITION TO 100Hz
Figure 58. PLL Acquisition Without Autocalibration for 100 kHz Step
The VCO displays a variation of KVCO as VTUNE varies within
the band and from band to band. Figure 59 shows how the
KVCO varies across the full LO frequency range. Also shown
is the average value for each of the frequency bands. Figure 59
is useful when calculating the loop filter bandwidth and
individual loop filter components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com