Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 28Page - Texas Instruments TMP114 Datasheet HTML 29Page - Texas Instruments TMP114 Datasheet HTML 30Page - Texas Instruments TMP114 Datasheet HTML 31Page - Texas Instruments TMP114 Datasheet HTML 32Page - Texas Instruments TMP114 Datasheet HTML 33Page - Texas Instruments TMP114 Datasheet HTML 34Page - Texas Instruments TMP114 Datasheet HTML 35Page - Texas Instruments TMP114 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Table 7-13. Slew_Limit Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
14:2
Slew_Limit[13:0]
R/W
0140h
13-bit temperature slew rate limit setting.
Temperature low limit is represented by a 13-bit unsigned word
with a LSB (Least Significant Bit) equal to 0.03125°C/s. The
default setting for this is 10 °C/s.
1:0
Reserved
R
0h
These two bits will always read 0h
7.6.9 Unique_ID1 Register (Address = 08h) [reset = xxxxh]
This register contains bits 47:32 of the Unique ID for the device. The Unique ID of the device is used for NIST
traceability purposes.
Return to Register Map.
Figure 7-28. Unique_ID1 Register
15
14
13
12
11
10
9
8
Unique_ID[47:40]
R-xxh
7
6
5
4
3
2
1
0
Unique_ID[39:32]
R-xxh
Table 7-14. Unique_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15:0
Unique_ID[47:32]
R
xxxxh
Bits 47:32 of the device Unique ID
7.6.10 Unique_ID2 Register (Address = 09h) [reset = xxxxh]
This register contains bits 31:16 of the Unique ID for the device.
Return to Register Map.
Figure 7-29. Unique_ID2 Register
15
14
13
12
11
10
9
8
Unique_ID[31:24]
R-xxh
7
6
5
4
3
2
1
0
Unique_ID[23:16]
R-xxh
Table 7-15. Unique_ID2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15:0
Unique_ID[31:16]
R
xxxxh
Bits 31:16 of the device Unique ID
TMP114
SNIS214 – JUNE 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com