Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments TMP114 Datasheet HTML 23Page - Texas Instruments TMP114 Datasheet HTML 24Page - Texas Instruments TMP114 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Multiple reads from the same register are also possible with the TMP114. Figure 7-15 shows how the controller
can repeatedly read from the same register when the Auto-Increment bit in the control register is set to 0b. When
reading from the same register in the same transaction the device must be read from faster than the timeout
period.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
0
0
0
P3
P2
P1
P0
A
0
R/W
ACK from Target
Register Pointer (N)
ACK from Target
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
ACK from Controller
ACK from Controller
Data from Register N MSB
Data from Register N LSB
RS A6
A5
A4
A3
A2
A1
A0
1
A
Re-START
Target Address
R/W
ACK from Target
Target controls SDA line
Controller controls SDA line
Auto-Increment
Must be 0h
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0 NA
D7
P
STOP
ACK from Controller
NACK from Controller
Data from Register N MSB
Data from Register N LSB
Figure 7-15. Repeated Read from Single Register
the TMP114 also supports a continuous read from sequential registers. By setting the Auto-Increment bit in the
control register to 1b, the TMP114 will increment the address pointer after each word of data is read from the
device. This allows the controller to read multiple register values in the same transaction as shown in Figure
7-16. Currently, using a burst read will not clear the Alert Status register. It is recommended to use single register
reads to clear Alert Status register contents.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
0
0
0
P3
P2
P1
P0
A
1
R/W
ACK from Target
Register Pointer (N)
ACK from Target
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
ACK from Controller
ACK from Controller
Data from Register N MSB
Data from Register N LSB
RS A6
A5
A4
A3
A2
A1
A0
1
A
Re-START
Target Address
R/W
ACK from Target
Target controls SDA line
Controller controls SDA line
Auto-Increment
Must be 0h
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0 NA
D7
P
STOP
ACK from Controller
NACK from Controller
Data from Register N+1 MSB
Data from Register N+1 LSB
Figure 7-16. Burst Read from Multiple Registers
www.ti.com
TMP114
SNIS214 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com