Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
7.5.4.2 Writes
To write on the I2C bus, the controller sends a START condition on the bus with the address of the target,
as well as the last bit (the R/W bit) set to 0b, which signifies a write. The target acknowledges, letting the
controller know it is ready. After this, the controller starts sending the control register data to the target until the
controller has sent all the data necessary (which is sometimes only a single byte), and the controller terminates
the transmission with a STOP condition.
Writes to read-only registers or register locations outside of the register map will be ignored. The TMP114 will
not NACK under these conditions.
Figure 7-10 shows an example of writing a single word write communication.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
0
0
0
P3
P2
P1
P0
A
0
R/W
ACK from Target
Register Pointer (N)
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
P
STOP
ACK from Target
ACK from Target
ACK from Target
Data to Register N MSB
Data to Register N LSB
Must be 0h
Target controls SDA line
Controller controls SDA line
Auto-Increment
Figure 7-10. Write to Single Register
Multiple writes to the same register are also possible with the TMP114. Figure 7-11 shows how the controller can
repeatedly write to the same register when the Auto-Increment bit in the control register is set to 0b.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
0
0
0
P3
P2
P1
P0
A
0
R/W
ACK from Target
Register Pointer (N)
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
ACK from Target
ACK from Target
ACK from Target
Data to Register N MSB
Data to Register N LSB
Must be 0h
Target controls SDA line
Controller controls SDA line
Auto-Increment
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
P
STOP
ACK from Target
ACK from Target
Data to Register N MSB
Data to Register N LSB
Figure 7-11. Repeated Write to Single Register
TMP114
SNIS214 – JUNE 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com