Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 25Page - Texas Instruments TMP114 Datasheet HTML 26Page - Texas Instruments TMP114 Datasheet HTML 27Page - Texas Instruments TMP114 Datasheet HTML 28Page - Texas Instruments TMP114 Datasheet HTML 29Page - Texas Instruments TMP114 Datasheet HTML 30Page - Texas Instruments TMP114 Datasheet HTML 31Page - Texas Instruments TMP114 Datasheet HTML 32Page - Texas Instruments TMP114 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Table 7-9. Configuration Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
7
AVG
R/W
0h
Averaging enable bit. Averaging will force every measurement
including one-shot measurements to be averaged with eight
conversions.
0h: Averaging is disabled
1h: Averaging is enabled
6
CRC_En
R/W
0h
CRC enable. Enables the CRC feature for the next transaction
after a stop command is received.
0h = CRC is disabled
1h = CRC is enabled
5
Reserved
R
0h
Reserved
4
OS
R/W
0h
One-shot conversion trigger. After completing the one-shot
conversion this bit is reset to 0h. Triggering a one-shot
conversion will place the TMP114 into shutdown mode.
0h = Default
1h = Trigger a one-shot conversion
3
Mode
R/W
0h
Conversion mode selection bit.
0h = Continuous conversion mode
1h = Shutdown mode
2:0
Conv_Period[2:0]
R/W
4h
Conversion period setting. This bit field changes the conversion
period of the TMP114. If the averaging time is longer than the
conversion period setting the minimum converstion time will be
the averaging time.
0h = 5.5 ms
1h = 31.25 ms / 32 Hz
2h = 62.5 ms / 16 Hz
3h = 125 ms / 8 Hz
4h = 250 ms / 4 Hz
5h = 500 ms / 2 Hz
6h = 1 s / 1 Hz
7h = 2 s / 0.5 Hz
www.ti.com
TMP114
SNIS214 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com