Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 7Page - Texas Instruments TMP114 Datasheet HTML 8Page - Texas Instruments TMP114 Datasheet HTML 9Page - Texas Instruments TMP114 Datasheet HTML 10Page - Texas Instruments TMP114 Datasheet HTML 11Page - Texas Instruments TMP114 Datasheet HTML 12Page - Texas Instruments TMP114 Datasheet HTML 13Page - Texas Instruments TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
7.3.3 Slew Rate Warning
The slew warning alert is an alert option that can be adjusted with the Slew_Limit register. The slew rate
warning will notify the system of temperature spikes as they occur, allowing the system to react and correct
for the increase in temperature before reaching thermal operating limits. Compared to throttling a system after
crossing a thermal limit, the slew rate warning will allow more safe system operation and greater reliability by not
exceeding specified system operating conditions.
Time
High temperature limit
Low temperature limit
System adjusts to fix temperature
spike before hitting overtemperature
condition
ALERT
Figure 7-2. Slew Rate Alert
Calculating the slew rate requires a fixed time period to calculate and is only available in continuous mode. The
Slew_Limit register is used to set the unsigned limit. The TMP114 will monitor the temperature slew rate and
compare the positive change of temperature from the current conversion to the previous against the Slew_Limit.
If the slew rate exceeds the Slew_Limit, the respective bits in the Alert_Status register will be set to indicate
the warning. Figure 7-2 depicts the timing of the Slew Rate Warning relative to the temperature conversions.
The slew rate check is always applied to the current temperature conversion and the previous temperature
conversion.
www.ti.com
TMP114
SNIS214 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com