Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 26Page - Texas Instruments TMP114 Datasheet HTML 27Page - Texas Instruments TMP114 Datasheet HTML 28Page - Texas Instruments TMP114 Datasheet HTML 29Page - Texas Instruments TMP114 Datasheet HTML 30Page - Texas Instruments TMP114 Datasheet HTML 31Page - Texas Instruments TMP114 Datasheet HTML 32Page - Texas Instruments TMP114 Datasheet HTML 33Page - Texas Instruments TMP114 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
7.6.5 TLow_Limit Register (Address = 04h) [reset = F380h]
This register is used to configuration the low temperature limit of the TMP114. The limit is formatted in a 14-bit
two's complement format with a LSB (Least Significant Bit) equal to 0.03125 °C. The range of the register is
±256 °C. The default value on startup is F380h or -25 °C. If the THigh_Limit register is equal to or less than the
TLow_Limit register the temperature limits will be ignored until configured such that THigh_Limit is greater than
TLow_Limit.
Return to Register Map.
Figure 7-24. TLow_Limit Register
15
14
13
12
11
10
9
8
TLow_Limit[13:6]
R/W-F3h
7
6
5
4
3
2
1
0
TLow_Limit[5:0]
Reserved
R/W-20h
R-0h
Table 7-10. TLow_Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15:2
TLow_Limit[13:0]
R/W
3CE0h
14-bit temperature low limit setting.
Temperature low limit is represented by a 14-bit, two's
complement word with an LSB (Least Significant Bit) equal to
0.03125°C. The default setting for this is -25°C.
1:0
Reserved
R
0h
These two bits will always read 0h
7.6.6 THigh_Limit Register (Address = 05h) [reset = 2A80h]
This register is used to configuration the high temperature limit of the TMP114. The limit is formatted in a 14-bit
two's complement format with a LSB (Least Significant Bit) equal to 0.03125 °C. The range of the register is
±256 °C. The default value on startup is 2A80h or 85 °C. If the THigh_Limit register is equal to or less than the
TLow_Limit register the temperature limits will be ignored until configured such that THigh_Limit is greater than
TLow_Limit.
Return to Register Map.
Figure 7-25. THigh_Limit Register
15
14
13
12
11
10
9
8
THigh_Limit[13:6]
R/W-2Ah
7
6
5
4
3
2
1
0
THigh_Limit[5:0]
Reserved
R/W-20h
R-0h
Table 7-11. THigh_Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15:2
THigh_Limit[13:0]
R/W
0AA0h
14-bit temperature high limit setting.
Temperature high limit is represented by a 14-bit, two's
complement word with an LSB (Least Significant Bit) equal to
0.03125°C.
1:0
Reserved
R
0h
These two bits will always read 0h
TMP114
SNIS214 – JUNE 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com