Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments TMP114 Datasheet HTML 23Page - Texas Instruments TMP114 Datasheet HTML 24Page - Texas Instruments TMP114 Datasheet HTML 25Page - Texas Instruments TMP114 Datasheet HTML 26Page - Texas Instruments TMP114 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
7.5.4.4 General Call Reset Function
The TMP114 responds to a two-wire, general-call address (0000 000) if the eighth bit is 0b. The device
acknowledges the general-call address and responds to commands in the second byte. If the second byte
is 0000b 0110b, the TMP114 internal registers are reset to power-up values as shown in Figure 7-18. The serial
address is unaffected by the general call reset.
S
0
0
0
0
0
0
0
0
A
START
Target Address
0
0
0
0
1
1
0
A
0
ACK from Target
ACK from Target
Target controls SDA line
Controller controls SDA line
S
STOP
Reset Command
Figure 7-18. SMBus General Call Timing Diagram
7.5.4.5 Time-Out Function
The TMP114 resets the serial interface if the SCL line is held low by the controller or the SDA line is held low
by the TMP114 for 25 ms (typical) between a START and STOP condition. The TMP114 releases the SDA line
if the SCL pin is pulled low and waits for a START condition from the controller. To avoid activating the timeout
function, maintain a communication speed of at least 1 kHz for the SCL operating frequency. If another device on
the bus is holding the SDA pin low, the TMP114 will not reset.
7.5.4.6 I2C in I3C Mixed Fast Mode
A bus with both I3C and I2C interfaces is referred to as a mixed fast mode with clock speeds up to 12.5 MHz.
The TMP114 is an I2C device that can be on the same bus that has an I3C device attached if the TMP114 device
incorporates a spike suppression filter of 50 ns on the SDA and SCL pins to avoid any interference to the bus
when communicating with I3C devices.
www.ti.com
TMP114
SNIS214 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com