Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments TMP114 Datasheet HTML 23Page - Texas Instruments TMP114 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Target controls SDA line
Controller controls SDA line
I2C Bus
Target
Address
Control
Register
MSB Data
to Register
LSB Data
to Register
CRC
MSB Data
to Register
LSB Data
to Register
CRC
First CRC determined by Target Address, Pointer Register, MSB, and LSB data bytes
Subsequent CRC bytes determined by
preceding MSB and LSB bytes.
Figure 7-13. CRC Enabled Write
7.5.4.3 Reads
For a read operation the controller sends a START condition, followed by the target address with the R/W bit
set to 0b (signifying a write). The target acknowledges the write request, and the controller sends the command
byte with the Auto-Increment bit and Register Pointer. After the Control Register, the controller will initiate a
restart followed by the target address with the R/W bit set to 1b (signifying a read). The controller will continue
to send out clock pulses but releases the SDA line so that the target can transmit data. At the end of every byte
of data, the controller sends an ACK to the target, letting the target know that it is ready for more data. Once
the controller has received the number of bytes it is expecting, it sends a NACK, signaling to the target to halt
communications and release the SDA line. The controller follows this up with a STOP condition. Reading from a
non-indexed register location will return 00h.
Figure 7-14 shows an example of reading a single word from a target register.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
0
0
0
P3
P2
P1
P0
A
0
R/W
ACK from Target
Register Pointer (N)
ACK from Target
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0 NA
D7
P
STOP
ACK from Controller
NACK from Controller
Data from Register N MSB
Data from Register N LSB
RS A6
A5
A4
A3
A2
A1
A0
1
A
Re-START
Target Address
R/W
ACK from Target
Target controls SDA line
Controller controls SDA line
Auto-Increment
Must be 0h
Figure 7-14. Read from Single Register
TMP114
SNIS214 – JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com