Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 16Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 17Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 18Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 19Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 20Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 21Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
18
NXP Semiconductors
Electrical characteristics
— Starts up quicker than 32 kHz crystal oscillator
•
External crystal oscillator with on-chip support circuit:
— At power up, ring oscillator is utilized. After crystal oscillator is stable, the clock circuit
switches over to the crystal oscillator automatically.
— Higher accuracy than ring oscillator
— If no external crystal is present, then the ring oscillator is utilized
The decision of choosing a clock source should be taken based on real-time clock use and precision
time-out.
4.1.5
Maximum supply currents
The data shown in Table 11 represent a use case designed specifically to show the maximum current
consumption possible. All cores are running at the defined maximum frequency and are limited to L1
cache accesses only to ensure no pipeline stalls. Although a valid condition, it would have a very limited
practical use case, if at all, and be limited to an extremely low duty cycle unless the intention was to
specifically show the worst case power consumption.
See the i.MX RT1015 Power Consumption Measurement Application Note for more details on typical
power consumption under various use case definitions.
Table 11. Maximum supply currents
Power Rail
Conditions
Max Current
Unit
DCDC_IN
Max power for chip at 105 oC with core
mark run on FlexRAM
90
mA
VDD_HIGH_IN
Include internal loading in analog
50
mA
VDD_SNVS_IN
—
250
A
USB_OTG1_VBUS
25 mA for each active USB interface
25
mA
VDDA_ADC_3P3
3.3 V power supply for 12-bit ADC, 600
A typical, 750 A max, for each ADC.
100 Ohm max loading for touch panel,
cause 33 mA current.
40
mA
NVCC_GPIO
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock rate (F).
In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com