Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 63Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 65Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 67Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 68Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 69Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 70Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 71Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
Revision history
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
67
7
Revision history
Table 60 provides a revision history for this data sheet.
Table 60. i.MX RT1015 data sheet document revision history
Rev. Number
Date
Substantive Change(s)
Rev. 2
03/2021
• Updated the M7 Core and external memory descriptions in the Section 1.1, Features
• Updated the Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Updated the frequency of RTC OSC and baud rates of LPUART in the Table 2, i.MX
RT1015 modules list
• Updated the descriptions about TEST_MODE in the Table 3, Special signal
considerations
• Added system and bus frequencies in the Table 9, Operating ranges; updated the junction
temperature descriptions in the Table 9, Operating ranges
• Updated the test conditions and max current of DCDC_IN in the Table 11, Maximum
supply currents
• Added a note in the Section 4.2.1.1, Power-up sequence
• Updated the value of reference clock in the Table 16, Ethernet PLL’s electrical parameters
• Added the high-level and low-level output current in the Table 20, Single voltage GPIO DC
parameters
• Added a footnote for GPIO_EMC_04 in the Table 59, 14 x 14 mm functional contact
assignments
Rev. 1
04/2019
• Updated the SNVS descriptions in the Table 2, i.MX RT1015 modules list
• Updated the Section 4.8.1, LPSPI timing parameters
Rev. 0.1
03/2019
• Added audio information and updated the frequency in the Section 1, i.MX RT1015
introduction
• Updated FlexPWMs, core frequency, Quadrature Encoder/Decoder in the Section 1.1,
Features
• Updated the Table 1, Ordering information
• Updated keypad and GP timer numbers in the Figure 2, "i.MX RT1015 system block
diagram"
• Changed keypad to 4 x 4 in the Table 2, i.MX RT1015 modules list
• Removed the USB OTG2 from the Table 2, i.MX RT1015 modules list, Table 7, Absolute
maximum ratings, and Section 4.2.1.1, Power-up sequence
• Updated on-chip termination information for the JTAG_TCK and JTAG_MOD in the
Table 4, JTAG controller interface summary
• Updated descriptions in the Section 4.2.2.2.3, LDO_USB
• Changed the 528 MHz PLL to System PLL in the Table 15, System PLL’s electrical
parameters
• Changed the 480 MHz PLL to USB PLL in the Table 17, USB PLL’s electrical parameters
Rev. 0
01/2019
• Initial version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com