Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 53Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 54Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 55Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 56Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
53
s
Figure 33. LPSPI Slave mode timing (CPHA = 0)
Table 46. LPSPI Slave mode timing
Number
Symbol
Description
Min.
Max.
Units
Note
1fSCK
Frequency of operation
0
fperiph / 2
Hz
1
1 Absolute maximum frequency of operation (fop) is 30 MHz. The clock driver in the LPSPI module for fperiph must be
guaranteed this limit is not exceeded.
2tSCK
SCK period
2 x tperiph
—ns
2
2 tperiph = 1 / fperiph
3tLead
Enable lead time
1
—
tperiph
—
4tLag
Enable lag time
1
—
tperiph
—
5tWSCK
Clock (SCK) high or low time
tSCK / 2 - 5
—
ns
—
6tSU
Data setup time (inputs)
2.7
—
ns
—
7tHI
Data hold time (inputs)
3.8
—
ns
—
8ta
Slave access time
—
tperiph
ns
3
3 Time to data active from high-impedance state
9tdis
Slave MISO disable time
—
tperiph
ns
4
4 Hold time to high-impedance state
10
tV
Data valid (after SCK edge)
—
14.5
ns
—
11
tHO
Data hold time (outputs)
0
—
ns
—
2
10
6
7
MSB IN
BIT 6 . . . 1
SLAVE MSB
SLAVE LSB OUT
11
5
5
3
8
4
11
SEE
NOTE
9
see
note
(INPUT)
(CPOL=0)
SCK
SCK
(CPOL=1)
PCS
(INPUT)
(INPUT)
SOUT
(INPUT)
SIN
(OUTPUT)
LSB IN
BIT 6 . . . 1
NOTE: Not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com