Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 53Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 54Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 55Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 56Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 57Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 58Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 59Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 60Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
Boot mode configuration
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
57
5
Boot mode configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot mode configuration pins
Table 50 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed boot mode options configured by the boot mode pins, see the i.MX RT1015
Fuse Map document and the System Boot chapter in i.MX RT1015 Reference Manual (IMXRT1015RM).
5.2
Boot device interface allocation
The following tables list the interfaces that can be used by the boot process in accordance with the specific
boot mode configuration. The tables also describe the interface’s specific modes and IOMUXC allocation,
which are configured during boot when appropriate.
Table 50. Fuses and associated pins used for boot
Pad
Default setting on reset
eFuse name
Details
GPIO_EMC_16
100 K pull-down
src.BOOT_MODE0
GPIO_EMC_17
100 K pull-down
src.BOOT_MODE1
GPIO_EMC_18
100 K pull-down
src.BT_CFG[0]
Boot Options, Pin value overrides fuse
settings for BT_FUSE_SEL = ‘0’.
Signal Configuration as Fuse Override
Input at Power Up.
These are special I/O lines that control
the boot up configuration during
product development. In production,
the boot configuration can be
controlled by fuses.
GPIO_EMC_19
100 K pull-down
src.BT_CFG[1]
GPIO_EMC_20
100 K pull-down
src.BT_CFG[2]
GPIO_EMC_21
100 K pull-down
src.BT_CFG[3]
GPIO_EMC_22
100 K pull-down
src.BT_CFG[4]
GPIO_EMC_23
100 K pull-down
src.BT_CFG[5]
GPIO_EMC_24
100 K pull-down
src.BT_CFG[6]
GPIO_EMC_25
100 K pull-down
src.BT_CFG[7]
GPIO_EMC_26
100 K pull-down
src.BT_CFG[8]
GPIO_EMC_27
100 K pull-down
src.BT_CFG[9]
Table 51. Boot through FlexSPI
PAD Name
IO Function
Mux Mode
Comments
GPIO_SD_B1_00
flexspi.B_DATA[3]
ALT 1
—
GPIO_SD_B1_03
flexspi.B_DATA[2]
ALT 1
—
GPIO_SD_B1_04
flexspi.B_DATA[1]
ALT 1
—
GPIO_SD_B1_02
flexspi.B_DATA[0]
ALT 1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com