Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 19Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 20Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 21Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 22Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 23Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
23
For additional information, see the i.MX RT1015 Reference Manual (IMXRT1015RM).
4.2.2.2.4
DCDC
DCDC can be configured to operate on power-save mode when the load current is less than 50 mA. During
the power-save mode, the converter operates with reduced switching frequency in PFM mode and with a
minimum quiescent current to maintain high efficiency.
DCDC can detect the peak current in the P-channel switch. When the peak current exceeds the threshold,
DCDC will give an alert signal, and the threshold can be configured. By this way, DCDC can roughly
detect the current loading.
DCDC also includes the following protection functions:
•
Over current protection. In run mode, DCDC shuts down when detecting abnormal large current in
the P-type power switch. In power save mode, DCDC stop charging inductor when detecting large
current in the P-type power switch. The threshold is also different in run mode and in power save
mode: the former is 1 A–2A, and the latter is 200 mA–250 mA.
•
Over voltage protection. DCDC shuts down when detecting the output voltage is too high.
•
Low voltage detection. DCDC shuts down when detecting the input voltage is too low.
For additional information, see the i.MX RT1015 Reference Manual (IMXRT1015RM).
4.2.3
PLL’s electrical characteristics
This section provides PLL electrical characteristics.
4.2.3.1
Audio/Video PLL’s electrical parameters
4.2.3.2
System PLL
Table 14. Audio/video PLL’s electrical parameters
Parameter
Value
Clock output range
650 MHz
–1.3 GHz
Reference clock
24 MHz
Lock time
< 11250 reference cycles
Table 15. System PLL’s electrical parameters
Parameter
Value
Clock output range
528 MHz PLL output
Reference clock
24 MHz
Lock time
< 11250 reference cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com