Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 29Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 30Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 31Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 32Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
29
4.3.3
Output buffer impedance parameters
This section defines the I/O impedance parameters of the i.MX RT1015 processors for the following I/O
types:
•
Single Voltage General Purpose I/O (GPIO)
NOTE
GPIO I/O output driver impedance is measured with “long” transmission
line of impedance Ztl attached to I/O pad and incident wave launched into
transmission line. Rpu/Rpd and Ztl form a voltage divider that defines
specific voltage of incident wave relative to NVCC_XXXX. Output driver
impedance is calculated from this voltage divider (see Figure 6).
Table 21. General purpose I/O AC parameters 1.8 V mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times, rise/fall
(Max Drive, ipp_dse=111)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
2.72/2.79
1.51/1.54
ns
Output Pad Transition Times, rise/fall
(High Drive, ipp_dse=101)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.20/3.36
1.96/2.07
Output Pad Transition Times, rise/fall
(Medium Drive, ipp_dse=100)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.64/3.88
2.27/2.53
Output Pad Transition Times, rise/fall
(Low Drive. ipp_dse=011)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
4.32/4.50
3.16/3.17
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns
Table 22. General purpose I/O AC parameters 3.3 V mode
Parameter
Symbol
Test condition
Min
Typ
Max
Unit
Output Pad Transition Times, rise/fall
(Max Drive, ipp_dse=101)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
1.70/1.79
1.06/1.15
ns
ns
Output Pad Transition Times, rise/fall
(High Drive, ipp_dse=011)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
2.35/2.43
1.74/1.77
Output Pad Transition Times, rise/fall
(Medium Drive, ipp_dse=010)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.13/3.29
2.46/2.60
Output Pad Transition Times, rise/fall
(Low Drive. ipp_dse=001)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
5.14/5.57
4.77/5.15
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com