Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 53Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 54Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
51
Figure 30. Minimum Sample Time Vs Ras (Cas = 10 pF)
4.8
Communication interfaces
The following sections provide the information about communication interfaces.
4.8.1
LPSPI timing parameters
The Low Power Serial Peripheral Interface (LPSPI) provides a synchronous serial bus with master and
slave operations. Many of the transfer attributes are programmable. The following tables provide timing
characteristics for classic LPSPI timing modes.
All timing is shown with respect to 20% VDD and 80% VDD thresholds, unless noted, as well as input
signal transitions of 3 ns and a 30 pF maximum load on all LPSPI pins.
Table 45. LPSPI Master mode timing
Number
Symbol
Description
Min.
Max.
Units
Note
1fSCK
Frequency of operation
—
fperiph / 2
Hz
1
1 Absolute maximum frequency of operation (fop) is 30 MHz. The clock driver in the LPSPI module for fperiph must be
guaranteed this limit is not exceeded.
2tSCK
SCK period
2 x tperiph
—ns
2
2 tperiph = 1 / fperiph
3tLead
Enable lead time
1
—
tperiph
—
4tLag
Enable lag time
1
—
tperiph
—
5tWSCK
Clock (SCK) high or low time
tSCK / 2 - 3
—
ns
—
6tSU
Data setup time (inputs)
10
—
ns
—
7tHI
Data hold time (inputs)
2
—
ns
—
8tV
Data valid (after SCK edge)
—
8
ns
—
9tHO
Data hold time (outputs)
0
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com