Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVN4A Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PIMXRT406LCVN4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVN4A Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PIMXRT406LCVN4A Datasheet HTML 22Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 23Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 29Page - NXP Semiconductors PIMXRT406LCVN4A Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
26
NXP Semiconductors
Electrical characteristics
Figure 3. Circuit for parameters Voh and Vol for I/O cells
4.3.1.1
XTALI and RTC_XTALI (clock inputs) DC parameters
Table 19 shows the DC parameters for the clock inputs.
4.3.1.2
Single voltage general purpose I/O (GPIO) DC parameters
Table 20 shows DC parameters for GPIO pads. The parameters in Table 20 are guaranteed per the
operating ranges in Table 9, unless otherwise noted.
Table 19. XTALI and RTC_XTALI DC parameters1
1 The DC parameters are for external clock input only.
Parameter
Symbol Test Conditions
Min
Max
Unit
XTALI high-level DC input voltage
Vih
—
0.8 x NVCC_PLL
NVCC_PLL
V
XTALI low-level DC input voltage
Vil
—
0
0.2
V
RTC_XTALI high-level DC input voltage
Vih
—
0.8
1.1
V
RTC_XTALI low-level DC input voltage
Vil
—
0
0.2
V
Table 20. Single voltage GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Max
Units
High-level output voltage1
VOH
Ioh = -0.1 mA (ipp_dse =
001,010)
Ioh= -1 mA
(ipp_dse = 011,100,101,110,111)
NVCC_XXXX -
0.2
–V
Low-level output voltage1
VOL
Iol = 0.1 mA (ipp_dse = 001,010)
Iol= 1 mA
(ipp_dse = 011,100,101,110,111)
–0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com