Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 9Page - Texas Instruments BUF802 Datasheet HTML 10Page - Texas Instruments BUF802 Datasheet HTML 11Page - Texas Instruments BUF802 Datasheet HTML 12Page - Texas Instruments BUF802 Datasheet HTML 13Page - Texas Instruments BUF802 Datasheet HTML 14Page - Texas Instruments BUF802 Datasheet HTML 15Page - Texas Instruments BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
CLH
CLL
IN
OUT
Clamp
diode
JFET
+6 V
±6 V
+
±
D1
D2
Q1
Q2
Input clamp
circuit
Output
clamp circuit
VS+
VS-
Output
pre-driver
+
clamp
Figure 8-3. External Input Clamp Circuit
• Output Clamp Circuit:
– The output protection circuit prevents the stages following the BUF802 from being overdriven and also
ensures that the BUF802 recovers rapidly from a saturated state resulting from an input or output
overdrive condition. In a typical data-acquisition system, the BUF802 would be followed by a variable
gain amplifier (VGA). High-speed VGAs are typically designed on 5 V processes making it susceptible to
potential damage from the 12 V BUF802.
– The voltage applied to the CLH and CLL pins dictate the maximum output swing of the BUF802. As shown
in Figure 8-3, the internal clamps can be disabled by connecting CLH and CLL to VS+ and VS- respectively.
When the clamps are disabled, the maximum output swing is limited by the output swing specification
described in Section 6.5. The response time and accuracy of the output clamp is shown in Section 6.7.
– The output THD of the BUF802 degrades when VCLH and VCLL are set close to the expected VOUT peak
value. To prevent signal degradation, maintain at least a 1.5 V difference between the expected peak
output voltage and the clamp voltage applied at the CLH and CLL pins. Figure 8-4 shows the relation
between the absolute clamp voltage value and THD for a 1 VPP output.
Clamp Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-80
-75
-70
-65
-60
-55
-50
-45
-40
THD for 500 MHz
THD for 1 GHz
Figure 8-4. THD vs CLH and CLL Voltage for VOUT = 1 VPP
www.ti.com
BUF802
SBOS998 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com