Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 23 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments BUF802 Datasheet HTML 22Page - Texas Instruments BUF802 Datasheet HTML 23Page - Texas Instruments BUF802 Datasheet HTML 24Page - Texas Instruments BUF802 Datasheet HTML 25Page - Texas Instruments BUF802 Datasheet HTML 26Page - Texas Instruments BUF802 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
11.2 Layout Example
/4 2021
Sch matic. chDoc
Sh
itle
Size:
Mo
Date
File:
Sh et
of
ttp://www.t com
Co tact
ttp://www.ti.com suppor
Ch
ge in me
Project|Project Optio s|Parameters
Project itle
Design
for: Pu lic Rele se
Assembly
ria t: 001
exas Instruments 2021
Drawn By:
Engineer Jaco Fre
xa Instrume ts
/o its lice sors
warra
th
ccuracy
complete
ss
this sp cificatio
informatio co tain
th rein
xa Instrume ts
/o its lice sors
warra
th
this
sign will me
th sp cificatio s, will
suita le fo yo
licatio
fit fo
rticula
rp se
will
rate in
impleme tatio
xa Instrume ts
/o its
lice sors
warra
th
th
sign is ro
ctio worth
sh
ld completely valid te
test yo
sign impleme tatio to co firm th syste
fu ctio
lity fo yo
licatio
No in versio co tro
SVN Rev:
AMPS131
Number
Rev:
ID
N/A
Ord rable: Ch
geMe in varia
IN
CLH
IN_Aux
R_Bias
OUT
CLL
IN_Bias
1
3
4
OPA140AIDBVT
U2
VCC1
GND1
VEE1
2.2µF
50V
C1
2.2µF
50V
C2
GND
VCC
VEE
50
R3
32.4k
R17
VCC
VEE
R16
GND
GND
GND
GND
2V
D1
MMSZ4679T1G
1
J1
50
R7
VEE
VCC
VEE
2V
D2
MMSZ4679T1G
GND
GND
CLH
CLL
GND
50
R6
GND
1
J2
GND
1
J3
GND
VCC
1
VCC2
12
VIN
2
VIN_AUX
4
VIN_BIAS
3
VEE
5
VEE
8
VEE2
10
VEE_B
6
RBIAS
7
VCH
15
VCL
14
VOUT
11
NC
9
NC
13
NC
16
PAD
17
BUF802IRGT
U1
VCC
VEE
GND
Aux_Bias
0
R12
VEE
787k
R9
13.0k
R4
200k
R13
CLH
CLL
GND
0
R18
100nF
50V
C16
16V
0.22uF
C3
16V
0.22uF
C4
16V
0.22uF
C8
16V
0.22uF
C9
16V
0.22uF
C14
16V
0.22uF
C15
17.8k
R11
100
R1
100
R2
78.7k
R15
10.0M
R8
OPA
OPA
Pin1
Pin1
Pin5
Pin5
Pin8910
Pin8910
Pin12
Pin12
630V
330pF
C7
2.00k
R10
25V
56pF
C11
10.0
R5
10.0k
R21
TP1
5012
TP2
5012
16V
0.22uF
C19
200k
R20
GND
16V
0.22uF
C17
16V
0.22uF
C18
0
R19
0
R14
0.1uF
25V
C5
0.1uF
25V
C6
0.1uF
25V
C13
0.1uF
25V
C10
50V
2pF
C12
Figure 11-1. Layout Example: Schematic for Layout Reference
www.ti.com
BUF802
SBOS998 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com