Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 3 Page - Texas Instruments

  BUF802 Datasheet HTML 1Page - Texas Instruments BUF802 Datasheet HTML 2Page - Texas Instruments BUF802 Datasheet HTML 3Page - Texas Instruments BUF802 Datasheet HTML 4Page - Texas Instruments BUF802 Datasheet HTML 5Page - Texas Instruments BUF802 Datasheet HTML 6Page - Texas Instruments BUF802 Datasheet HTML 7Page - Texas Instruments BUF802 Datasheet HTML 8Page - Texas Instruments BUF802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
16
VS+
OUT
IN_Bias
15
14
13
1
2
3
4
5
6
7
8
12
11
10
9
IN
Aux_Bias R_Bias
CLH
CLL
NC
IN_Aux
NC
NC
VSO-
VSO+
Clamp
Diode
I2
JFET
I1
*Pin 5 and Pin 8 Internally Shorted
13
14
15
16
12
11
9
8
7
6
5
8
1
2
3
4
THERMAL PAD
10
Output
Stage
VS-
VS-
Figure 5-1. RGT Package, 16-Pin VQFN, Top View and Bottom View
Table 5-1. Pin Functions
PIN
I/O
Operating
Mode2
DESCRIPTION1
NAME
NO.
Aux_Bias
6
P
B
Connect to VS- to enable control of OUT through the In_Aux.
CLH
15
I
A, B
Positive clamp voltage input pin
CLL
14
I
A, B
Negative clamp voltage input pin
IN
2
I
A, B
Signal input
In_Aux
4
I
B
Auxiliary input for controlling OUT through an external amplifier.
In_Bias
3
I
B
JFET biasing pin
NC
16,13,9
—
—
Do not connect.
OUT
11
O
A, B
Signal output
R_Bias
7
I
A, B
Output stage bias current setting resistor
VS+
1
P
A, B
Positive power supply connection for input stages.
VS-
5,8
P
A, B
Negative power supply connection for input stages. Pin 5 and Pin 8 are
internally shorted.
VSO+
12
P
A, B
Positive power supply connection for output stages.
VSO-
10
P
A, B
Negative power supply connection for output stages.
Thermal
Pad
—
—
—
The thermal pad is electrically isolated from the die and pins. Connect the
thermal pad to any potential.
1. See Section 8.4 for more information on Mode A and Mode B functional modes.
2. Pins specified as Mode B should only be used when operating in Mode B and left floating when operating in
Mode A.
3. VSO and VS should be tied to the same potential since they are internally connected to each other through
back to back diodes
www.ti.com
BUF802
SBOS998 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com