Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments BUF802 Datasheet HTML 22Page - Texas Instruments BUF802 Datasheet HTML 23Page - Texas Instruments BUF802 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
α is the input attenuation factor of the precision amplifier, whereas β is the inverse of its non-inverting gain. G
is the gain of the Main path of the BUF802. Since G can vary from device-to-device, trimming either α or β is
recommended to achieve a flat response. In Figure 9-1, β may be trimmed using the RPOT. Since G is ≈1 V/V
and α is 1/5 (200 kΩ / (200 kΩ + 800 kΩ)), RPOT should be trimmed so that β = 1/5. For the β network, it is
recommended to use resistors which are an order of magnitude of resistance lower than the resistors used in the
α network. Therefore β resistor values of 80 kΩ and ≈20 kΩ have been chosen.
fHF is the pole resulting from the 330 pF series capacitor and the 10 MΩ resistor on the In_Bias pin.
fHF = 1/(2 × pi × R × C) = 1/(2 × 3.14 × 10 MΩ × 330 pF) = 48 Hz
(3)
fLF is the pole resulting from the gain bandwidth of the precision amplifier, the Auxiliary path bandwidth and other
parasitic capacitance of the BUF802.
fLF = GBW × GAUX × β = 440 kHz
(4)
Where GBW is the gain bandwidth product of the precision amplifier = 11 MHz. GAUX is the gain from In_Aux to
OUT = 0.2 V/V. 1/β is the external non-inverting gain set for the precision amplifier = 5 V/V.
Based on the above value of fHF and fLF, the required condition of fHF<< fLF is met. CF, connected across the
precision amplifier, is required to compensate for the parasitic capacitance and to make the overall poles and
zeros cancel each other. The value of CF can be found by using the following equation:
CF = CINPA × ((G × Rα2 / Rβ2) – 1)).
(5)
Where CINPA is the common mode input capacitance of the precision amplifier.
Plugging in the value of these components arrives at CF = 56 pF. In the final system, based on the quality of the
flat band response needed, CF may be trimmed along with RPOT in the final production flow.
9.2.1.3 Application Curves
Frequency (Hz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100
1k
10k
100k
1M
Figure 9-3. Frequency Response in Cross-Over
Frequency Region
Frequency (Hz)
-18
-15
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
10G
Figure 9-4. 2 GHz Frequency Response
BUF802
SBOS998 – JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com