Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 13Page - Texas Instruments BUF802 Datasheet HTML 14Page - Texas Instruments BUF802 Datasheet HTML 15Page - Texas Instruments BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Frequency (Hz)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
3
6
9
1
10
100
1k
10k 100k 1M
10M 100M 1G
10G
Cross-Over
Frequency
Region
D004
High Frequency Region
Low Frequency Region
Figure 8-14. Low, Cross-Over, High Frequency Region
The transfer function of the composite loop in Mode B can be split into the following 3 frequency regions:
1. Low Frequency Region: the gain of the composite loop in the low-frequency region is α/β (determined by
α and β network). In the low-frequency region the 330 pF input capacitor presents a high-impedance in the
Main path, causing the signal to flow through the precision amplifier and the In_Aux pin. This region spans
from DC to fLF. fLF is the pole resulting from the gain bandwidth of the precision amplifier, the Auxiliary path
bandwidth and other parasitic capacitance of the BUF802.
2. High Frequency Region: in the high-frequency region the precision amplifier and the Auxiliary path run out
of bandwidth. The gain of the composite loop in this region is determined solely by the BUF802s Main path
gain, denoted by G. This region spans from the pole created at fHF till the LSBW of the BUF802. The fHF is
the pole resulting from the 330 pF series capacitor and the 10 MΩ resistor on the In_Bias pin.
3. Cross-over Frequency Region: the Main path and Auxiliary path work in conjunction to determine the gain
in the crossover region. To maintain a flat frequency response in this region the following conditions have to
be met :
a. α/β = G
b. High frequency response pole fHF<< Low frequency pole fLF
A detailed analysis of discrete component selection to achieve a flat frequency response is discussed further
in the Section 9.1.
www.ti.com
BUF802
SBOS998 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com