Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments BUF802 Datasheet HTML 22Page - Texas Instruments BUF802 Datasheet HTML 23Page - Texas Instruments BUF802 Datasheet HTML 24Page - Texas Instruments BUF802 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
9.2.2 Sub-500 MHz Oscilloscope Front-End
200 kŸ
CF
R
R
R
Adjust R2 for gain matching
between DC and AC
Ÿ
Offset
control
DAC
BUF802
BUF802
+6 V
+
±
Precision
Amp
R
R
R
R
R
R
R
R
OPA4872
+
-
Logic
A0 A1
R
R
R
R
To FDA
800 kŸ
1 MŸ
C nF
±
V
80 k
80 k
IN
Figure 9-5. Sub-500 MHz Oscilloscope Front-End
9.2.2.1 Design Requirements
The design requirements and the previous image are required for multiple applications at a minimum.
9.2.2.2 Detailed Design Procedure
Do not repeat the full step-by-step design for multiple applications, only describe the key differences between the
applications.
9.2.3 500 MHz Oscilloscope Front-End
2.5 V
+OUT
±
OUT
VCM
OUT Aux OUT Aux
VCM Aux
LMH6518
Trigger
Circuit
5 V
Circuit
ADC A
Clocking Subsystem
16 LVDS
16 LVDS
FPGA or
ASIC
SYNC~
SPI
ADC08D1520
ADC B
800 kŸ
330 pF / 400 V
56 pF
R
Offset Control
DAC
+8 V
±
V
+
-
+
-
Precision
Amp
+8 V
±
V
VZ = 2V
VZ = 2 V
CLH
CLL
IN
OUT
R_Bias
In_Bias
In_Aux Aux_
Bias
10 m
2.5 V
2.5 V
F
F
200 kŸ
2 k
2 k
1 k
1 k
1 kŸ
1 kŸ
+IN
±
IN
Input
Figure 9-6. 500 MHz Oscilloscope Front-End
9.2.3.1 Design Requirements
The design requirements and the previous image are required for multiple applications at a minimum.
9.2.3.2 Detailed Design Procedure
Do not repeat the full step-by-step design for multiple applications, only describe the key differences between the
applications.
www.ti.com
BUF802
SBOS998 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com