Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 15Page - Texas Instruments BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments BUF802 Datasheet HTML 22Page - Texas Instruments BUF802 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
9.2.1.2 Detailed Design Procedure
R. 800 kŸ
200 kŸ
330 pF
CF 56 pF
R
kŸ
RPOT
Ÿ
+ 6 V
±
V
+
±
Precision
Amp
+6 V
±
V
1 k
1 k
1 k
1 k
VZ = 2 V
VZ = ± V
CLH
CLL
IN
OUT
R_Bias
10 pF
10 pF
In_Bias
In_Aux
Aux_Bias
10 M
F
F
Input
17.8 kŸ
.
Figure 9-2. BUF802 Detailed Schematic: Mode B
The JFET-input stage of the BUF802 offers G-Ω of input impedance and can therefore be terminated with an
external 1 MΩ resistor without affecting performance. A 50 Ω termination can also be switched in offering proper
termination for high-frequency signals. The BUF802 therefore enables the designer to use both 1 MΩ and 50 Ω
termination in the same signal chain. To achieve 2 GHz of bandwidth connect a 17.8 kΩ resistor between the
R_Bias and VS- pins.
The specified input referred noise of the BUF802, as shown in Section 6.5, is 2.3 nV/√Hz. The total input referred
noise in a bandwidth of 2 GHz is given by the equation:
En_rms = 2.3 nV/√Hz × √ (2 GHz) = 102 µVrms.
(1)
Detailed calculations can be found on TI Precision Labs – Op Amps: Noise – Spectral Density.
Assuming the oscilloscope has 8 divisions on the screen and and a minimum resolution of 1 mV, the full-scale
reading is 8 mVPP or 2.82 mVrms. Thus the SNR of the BUF802 in the lowest-resolution setting is therefore:
20 × Log (2.82 mVrms / 107 µVrms) = 28.4 dB.
(2)
Mode B simplifies the design for achieving flat frequency response from DC till the frequency of interest (2 GHz
in this case). To achieve a flat response, the following two conditions have to be met:
1. α/β = G
2. High frequency response pole fHF<< low frequency pole fLF
www.ti.com
BUF802
SBOS998 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com