Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 12Page - Texas Instruments BUF802 Datasheet HTML 13Page - Texas Instruments BUF802 Datasheet HTML 14Page - Texas Instruments BUF802 Datasheet HTML 15Page - Texas Instruments BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
8.4.1 Mode A
800
:
200 k
:
C1pF
C2
1M
:
R2
R3
Rx
Ry
Ÿ
BUF802
+ 6V
- 6V
+
-
+
-
Precision
Amp
k
+ 6V
- 6V
1k
1k
VZ = 2V
VZ = -2V
CLH
CLL
IN
OUT
R1
Input
Figure 8-10. Composite Loop − Mode A
VS+
OUT
VS-
VSO-
VSO+
IN
CLH
I1
R_Bias
Figure 8-11. Internal Schematic − Mode A
As shown in Figure 8-10, the BUF802 is used in Mode A by super-imposing the low-frequency and high-
frequency signal components through R1 and C1 respectively and applying the combined signal at the IN pin.
As shown in Figure 8-11, the combined signal transverses through the BUF802 through the Main path. The pins
associated with Mode B are kept floating. Refer to Section 5 for more details. Since the pins associated with
Mode B are left floating, the Auxiliary path is disabled while operating in Mode A.
In Mode A, the JFET and bipolar transistors in the Main path operate as source and emitter followers to
reproduce the signal applied on IN at the output of the BUF802. The BUF802 can operate from DC to high
frequency and can therefore be used as a standalone buffer. While being used as a standalone buffer, only the
Main path of the BUF802 is used.
8.4.2 Mode B
100 k
100 k
Rb
Rb
VS+
Aux_Bias
VS-
IN
In_Bias
JFET
I2
I1
RHF
In_Aux
10M
10M
+
-
+
-
Precision
Amp
+
-
Precision
Amp
OUT
Signal_In
R1.R2
(.)
R3,R4
Q1
Diamond
Buffer
GAUX ( Auxiliary Path )
VS+
G ( Main Path )
Figure 8-12. Internal Schematic − Mode B
R. 800 kŸ
200 kŸ
330 pF
CF 56 pF
R
kŸ
RPOT
Ÿ
+ 6 V
±
V
+
±
Precision
Amp
+6 V
±
V
1 k
1 k
1 k
1 k
VZ = 2 V
VZ = ± V
CLH
CLL
IN
OUT
R_Bias
10 pF
10 pF
In_Bias
In_Aux
Aux_Bias
10 M
F
F
Input
17.8 kŸ
.
Figure 8-13. BUF802 Schematic − Mode B
The 330 pF input series capacitor shown in Figure 8-13 splits the input signal into a low-frequency and high-
frequency component. These signals are applied to In_Aux and IN respectively. The IN pin controls the output of
BUF802 through the Main path, whereas the In_Aux pin controls the output through the Auxiliary path as shown
in Figure 8-12.
BUF802
SBOS998 – JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com