Electronic Components Datasheet Search
  English  ▼

X  

MPC755 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 15Page - NXP Semiconductors MPC755 Datasheet HTML 16Page - NXP Semiconductors MPC755 Datasheet HTML 17Page - NXP Semiconductors MPC755 Datasheet HTML 18Page - NXP Semiconductors MPC755 Datasheet HTML 19Page - NXP Semiconductors MPC755 Datasheet HTML 20Page - NXP Semiconductors MPC755 Datasheet HTML 21Page - NXP Semiconductors MPC755 Datasheet HTML 22Page - NXP Semiconductors MPC755 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
19
Electrical and Thermal Characteristics
The L2CLK_OUT timing diagram is shown in Figure 7.
Figure 7. L2CLK_OUT Output Timing Diagram
4.2.4
L2 Bus AC Specifications
Table 12 provides the L2 bus interface AC timing specifications for the MPC755 as defined in Figure 8
and Figure 9 for the loading conditions described in Figure 10.
Table 12. L2 Bus Interface AC Timing Specifications
At recommended operating conditions (see Table 3)
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
L2SYNC_IN rise and fall time
tL2CR, tL2CF
—1.0
ns
1
Setup times: Data and parity
tDVL2CH
1.2
—
ns
2
Input hold times: Data and parity
tDXL2CH
0—
ns
2
Valid times:
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOV
—
—
—
—
3.1
3.2
3.3
3.7
ns
3, 4
Output hold times:
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOX
0.5
0.7
0.9
1.1
—
—
—
—
ns
3
VM = Midpoint Voltage (L2OVDD/2)
L2CLK_OUTA
L2CLK_OUTB
L2 Differential Clock Mode
L2 Single-Ended Clock Mode
L2SYNC_OUT
tL2CLK
tCHCL
L2CLK_OUTA
VM
tL2CR
tL2CF
VM
VM
VM
L2CLK_OUTB
VM
VM
VM
VM
VM
tL2CLK
L2SYNC_OUT
VM
VM
VM
VM
VM
VM
VM
VM
tL2CSKW
tCHCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com