Electronic Components Datasheet Search
  English  ▼

X  

MPC755 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 27Page - NXP Semiconductors MPC755 Datasheet HTML 28Page - NXP Semiconductors MPC755 Datasheet HTML 29Page - NXP Semiconductors MPC755 Datasheet HTML 30Page - NXP Semiconductors MPC755 Datasheet HTML 31Page - NXP Semiconductors MPC755 Datasheet HTML 32Page - NXP Semiconductors MPC755 Datasheet HTML 33Page - NXP Semiconductors MPC755 Datasheet HTML 34Page - NXP Semiconductors MPC755 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
31
Pinout Listings
L2ZZ
G17
High
Output
L2OVDD
LSSD_MODE
F9
Low
Input
—
2
MCP
B11
Low
Input
OVDD
NC (No Connect)
B3, B4, B5, W19, K9, K11 4, K19 4
——
—
OVDD
D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5,
R4, R6, R9, R11, T5, T8, T12
——
OVDD
PLL_CFG[0:3]
A4, A5, A6, A7
High
Input
OVDD
QACK
B2
Low
Input
OVDD
QREQ
J3
Low
Output
OVDD
RSRV
D3
Low
Output
OVDD
SMI
A12
Low
Input
OVDD
SRESET
E10
Low
Input
OVDD
SYSCLK
H9
—
Input
OVDD
TA
F1
Low
Input
OVDD
TBEN
A2
High
Input
OVDD
TBST
A11
Low
I/O
OVDD
TCK
B10
High
Input
OVDD
TDI
B7
High
Input
OVDD
6
TDO
D9
High
Output
OVDD
TEA
J1
Low
Input
OVDD
TLBISYNC
A3
Low
Input
OVDD
TMS
C8
High
Input
OVDD
6
TRST
A10
Low
Input
OVDD
6
TS
K7
Low
I/O
OVDD
TSIZ[0:2]
A9, B9, C9
High
Output
OVDD
TT[0:4]
C10, D11, B12, C12, F11
High
I/O
OVDD
WT
C3
Low
Output
OVDD
VDD
G8, G10, G12, J8, J10, J12, L8, L10, L12, N8, N10, N12
—
—
2.0 V
Table 15. Pinout Listing for the MPC755, 360 BGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com