Electronic Components Datasheet Search
  English  ▼

X  

MPC755 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 32Page - NXP Semiconductors MPC755 Datasheet HTML 33Page - NXP Semiconductors MPC755 Datasheet HTML 34Page - NXP Semiconductors MPC755 Datasheet HTML 35Page - NXP Semiconductors MPC755 Datasheet HTML 36Page - NXP Semiconductors MPC755 Datasheet HTML 37Page - NXP Semiconductors MPC755 Datasheet HTML 38Page - NXP Semiconductors MPC755 Datasheet HTML 39Page - NXP Semiconductors MPC755 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
36
Freescale Semiconductor
System Design Information
8
System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC755.
8.1
PLL Configuration
The MPC755 PLL is configured by the PLL_CFG[0:3] signals. For a given SYSCLK (bus) frequency, the
PLL configuration signals set the internal CPU and VCO frequency of operation. These must be chosen
such that they comply with Table 8. Table 16 shows the valid configurations of these signals and an
example illustrating the core and VCO frequencies resulting from various PLL configurations and
example bus frequencies. In this example, shaded cells represent settings that, for a given SYSCLK
frequency, result in core and/or VCO frequencies that do not comply with the 400-MHz column in Table 8.
Table 16. MPC755 Microprocessor PLL Configuration Example for 400 MHz Parts
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33 MHz
Bus
50 MHz
Bus
66 MHz
Bus
75 MHz
Bus
80 MHz
Bus
100 MHz
0100
2x
2x
—
—
—
—
—
200
(400)
1000
3x
2x
—
—200
(400)
225
(450)
240
(480)
300
(600)
1110
3.5x
2x
—
—233
(466)
263
(525)
280
(560)
350
(700)
1010
4x
2x
—200
(400)
266
(533)
300
(600)
320
(640)
400
(800)
0111
4.5x
2x
—225
(450)
300
(600)
338
(675)
360
(720)
—
1011
5x
2x
—250
(500)
333
(666)
375
(750)
400
(800)
—
1001
5.5x
2x
—275
(550)
366
(733)
—
—
—
1101
6x
2x
200
(400)
300
(600)
400
(800)
—
—
—
0101
6.5x
2x
216
(433)
325
(650)
—
—
—
—
0010
7x
2x
233
(466)
350
(700)
—
—
—
—
0001
7.5x
2x
250
(500)
375
(750)
—
—
—
—
1100
8x
2x
266
(533)
400
(800)
—
—
—
—
0110
10x
2x
333
(666)
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com