Electronic Components Datasheet Search
  English  ▼

X  

MPC755 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 48Page - NXP Semiconductors MPC755 Datasheet HTML 49Page - NXP Semiconductors MPC755 Datasheet HTML 50Page - NXP Semiconductors MPC755 Datasheet HTML 51Page - NXP Semiconductors MPC755 Datasheet HTML 52Page - NXP Semiconductors MPC755 Datasheet HTML 53Page - NXP Semiconductors MPC755 Datasheet HTML 54Page - NXP Semiconductors MPC755 Datasheet HTML 55Page - NXP Semiconductors MPC755 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
54
Freescale Semiconductor
Ordering Information
10.2
Part Numbers Not Fully Addressed by This Document
Devices not fully addressed in this document are described in separate hardware specification addendums
which supplement and supersede this document, as described in the following tables.
Table 21. Part Numbers Addressed by XPC755BxxnnnTx Series Part Numbers
(Document No. MPC755ECSO1AD)
XPC
755
B
xx
nnn
T
x
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
755
B = HiP4DP
RX = CBGA
350
400
T: 2.0 V ± 100 mV
–40
° to 105°C
D: 2.7; PVR = 0008 3203
E: 2.8; PVR = 0008 3203
MPC
755
C=HiP4DP
RX = CBGA
350
T: 2.0 V ± 100 mV
–40
° to 105°C
E: 2.8; PVR = 0008 3203
Table 22. Part Numbers Addressed by XPC755BxxnnnLD Series Part Numbers
(Document No. MPC755ECSO2AD)
XPC
xxx
B
xx
nnn
LD
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
755
745
B = HiP4DP
PX = PBGA
RX = CBGA
300
350
400
L: 2.0 V ± 100 mV
0
° to 105°C
D: 2.7; PVR = 0008 3203
Table 23. Part Numbers Addressed by XPC755xxxnnnLE Series Part Numbers
(Document No. MPC755ECSO3AD)
XPC
755
x
xx
nnn
LE
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
755
B = HiP4DP
RX = CBGA
400
L: 2.0 V ± 100 mV
0
° to 105°C
E: 2.8; PVR = 0008 3203
PX = PBGA
C = HiP4DP
RX = CBGA
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com