Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 35Page - Texas Instruments TMP126 Datasheet HTML 36Page - Texas Instruments TMP126 Datasheet HTML 37Page - Texas Instruments TMP126 Datasheet HTML 38Page - Texas Instruments TMP126 Datasheet HTML 39Page - Texas Instruments TMP126 Datasheet HTML 40Page - Texas Instruments TMP126 Datasheet HTML 41Page - Texas Instruments TMP126 Datasheet HTML 42Page - Texas Instruments TMP126 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
14 Package Option Addendum
Packaging Information
Orderable Device
Status
Package Type
Package
Drawing
Pins
Package Qty
Eco Plan
Lead/Ball
Finish
MSL Peak
Temp
Op Temp (°C)
Device
Marking
PTMP126DCKT
ACTIVE
SC70
DCK
6
250
Non-RoHS &
Non-Green
Call TI
Call TI
-55 to 175
126Q
PTMP126NDCKT
ACTIVE
SC70
DCK
6
250
Non-RoHS &
Non-Green
Call TI
Call TI
-55 to 150
126Q
Important Information and Disclaimer: The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on
information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties.
TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming
materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
www.ti.com
TMP126
SNIS209 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com