Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments TMP126 Datasheet HTML 22Page - Texas Instruments TMP126 Datasheet HTML 23Page - Texas Instruments TMP126 Datasheet HTML 24Page - Texas Instruments TMP126 Datasheet HTML 25Page - Texas Instruments TMP126 Datasheet HTML 26Page - Texas Instruments TMP126 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
8.6 Register Map
Table 8-3. TMP126 Registers
ADDRESS
TYPE
RESET
ACRONYM
REGISTER NAME
SECTION
00h
R
0000h
Temp_Result
Temperature result register
Go
01h
R
0000h
Slew_Result
Slew rate result register
Go
02h
R/RC
0000h
Alert_Status
Alert status register
Go
03h
R/W
0006h
Configuration
Configuration register
Go
04h
R/W
0016h
Alert_Enable
Alert enable register
Go
05h
R/W
F380h
TLow_Limit
Temperature low limit register
Go
06h
R/W
2A80h
THigh_Limit
Temperature high limit register
Go
07h
R/W
0A0Ah
Hysteresis
Hysteresis register
Go
08h
R/W
0500h
Slew_Limit
Temperature slew rate limit register
Go
09h
R
xxxxh
Unique_ID1
Unique ID1 register
Go
0Ah
R
xxxxh
Unique_ID2
Unique ID2 register
Go
0Bh
R
xxxxh
Unique_ID3
Unique ID3 register
Go
0Ch
R
1126h
Device_ID
Device ID register
Go
10h-2Ah
R
xxxxh
Reserved
Reserved
Table 8-4. TMP126 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
C
Read
to Clear
R-0
R
-0
Read
Returns 0s
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
TMP126
SNIS209 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com