Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 13Page - Texas Instruments TMP126 Datasheet HTML 14Page - Texas Instruments TMP126 Datasheet HTML 15Page - Texas Instruments TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
8.5 Programming
8.5.1 Temperature Data Format
Temperature data is represented by a 14-bit, two's complement word with an LSB (Least Significant Bit) equal to
0.03125 °C. The last two bits of the register are always 00b.
Table 8-1. 14-Bit Temperature Data Format
Temperature
Digital Output
Binary
Hex
175 °C
0100 1011 0000 0000
5780
150 °C
0100 1011 0000 0000
4B00
125 °C
0011 1110 1000 0000
3E80
25 °C
0000 1100 1000 0000
0C80
0.03125 °C
0000 0000 0000 0100
0004
0 °C
0000 0000 0000 0000
0000
−0.03125 °C
1111 1111 1111 1100
FFFC
−25 °C
1111 0011 1000 0000
F380
−40 °C
1110 1100 0000 0000
EC00
−55 °C
1110 0100 1000 0000
E480
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For example, if the first four bits of the temperature
data indicate an over temperature condition, the host controller could immediately abort communication and take
action to remedy the excessive temperature condition.
8.5.2 Serial Bus Interface
Figure 8-9 shows an overview of the TMP126 protocol. The /CS pin must be taken low between communication
transactions. Data is clocked out on the falling edge of the serial clock (SCLK), while data is clocked in on the
rising edge of SCLK. The 16-bit write words are latched to the respective registers after the 16th rising clock
edge including during burst write mode. If a software reset is enabled, the device will immediately reset after the
16th rising clock edge and will not respond to SPI communication until a new falling edge of the CS is observed.
If a software reset is triggered during burst write, any data after the configuration register write will be ignored.
The SIO buffer is tri-state during reset.
Each transaction with the TMP126 will consist of a command word, followed by the data block, and the optional
CRC that is enabled in the command word.
Host R/W
CS
SI/O
SCLK
16-bit
16-bit
Host R/W
16-bit
Command
CRC
16-bit
Figure 8-9. TMP126 Communication Overview
www.ti.com
TMP126
SNIS209 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com