Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments TMP126 Datasheet HTML 22Page - Texas Instruments TMP126 Datasheet HTML 23Page - Texas Instruments TMP126 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
R/W
Peripheral controls SIO line
Controller controls SIO line
Auto Increment
X
1
0
Sub-Address
A7
A6
A5
A4
A3
A2
A1
A0
CS pulled low
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N+1
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N+2
CRC Data Block Length
CRC Enable
Don’t Care
CRC L4
L3
L1
L0
Figure 8-12. Burst Data Write to Multiple Registers
Configuration register changes will not be accepted when using auto increment writes. For configuration register
changes it is recommended to use a single register write without auto increment.
8.5.2.4 Read Operations
Data is read from the TMP126 by setting the R/W bit of the command word to logic '1'. Data can be continuously
read from a single register by setting the auto-increment bit to '0' in the command register. Figure 8-13 shows an
example of a repeated data read from a single register. Repeated temperature reads are not supported.
R/W
Peripheral controls SIO line
Controller controls SIO line
Auto Increment
X
0
1
Sub-Address
A7
A6
A5
A4
A3
A2
A1
A0
CS pulled low
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N
CS pulled high
CRC Data Block Length
CRC Enable
Don’t Care
CRC L4
L3
L1
L0
Figure 8-13. Repeated Data Read from a Single Register
Figure 8-14 shows how setting the auto increment to logic '1' to can enable a read from multiple registers in a
single transaction. The status register of the TMP126 will not be cleared in burst data read mode. To clear status
register contents, TI recommends to use single register reads without auto increment.
TMP126
SNIS209 – JULY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com