Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 9Page - Texas Instruments TMP126 Datasheet HTML 10Page - Texas Instruments TMP126 Datasheet HTML 11Page - Texas Instruments TMP126 Datasheet HTML 12Page - Texas Instruments TMP126 Datasheet HTML 13Page - Texas Instruments TMP126 Datasheet HTML 14Page - Texas Instruments TMP126 Datasheet HTML 15Page - Texas Instruments TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
8.4 Device Functional Modes
The TMP126 can be configured to operate in various conversion modes by using the Mode bit in the
configuration register. These modes provide flexibility to operate the device in the most power efficient way
necessary for the intended application.
8.4.1 Continuous Conversion Mode
When the Mode bit is set to 0b in the Configuration register, the device operates in continuous conversion
mode. Figure 8-4 shows that the device continuously performs temperature conversions in this mode. The
TMP126 does not wait until the end of the conversion period to update the temperature, instead the temperature
result register is updated at the end of the temperature conversion. After a completed active conversion, the
Data_Ready flag bit is set to '1'. The user can read the interrupt/status register or the temperature result register
to clear the Data_Ready flag. Therefore, the Data_Ready_Flag can be used to determine when the conversion
completes so that an external controller can synchronize reading the result register with conversion result
updates. The user can set the Data_Ready_Flag_En bit in the configuration register to monitor the state of the
Data_Ready_Flag on the ALERT pin.
Every conversion period consists of an active temperature conversion followed by a standby period. During
standby the TMP126 will de-activate all measurement circuitry to conserve power but will remain available for
any SPI communication. The device typically consumes 75 µA during the temperature conversion and only 1
µA during the low-power standby period. The duration of the temperature conversion will remain fixed, but the
conversion period can be configured using the Conv_Period[2:0] bit field in the Configuration register, allowing
the average current consumption of the device to be optimized based on the application requirements. Changing
the conversion period also affects the temperature result update rate due to the temperature result register being
updated at the end of every temperature conversion.
Use Equation 1 to calculate the average current consumption of the device in continuous conversion mode.
(1)
Active conversion time
Conversion Period
tStandby timet
Start of conversion
Temperature Conversion
Conversion Period
Figure 8-4. Conversion Period Timing Diagram
8.4.2 Shutdown Mode
When the Mode bit is set to 1b in the Configuration register, the device immediately enters the low-power
shutdown mode. If the TMP126 is making a temperature conversion, the device will stop the conversion and
discard the partial result. In this mode, the device powers down all active circuitry and can be used in conjunction
with the One_Shot bit to perform temperature conversions. Engineers can use the TMP126 for battery-operated
systems and other low-power consumption applications because the device typically only consumes 350 nA in
Shutdown Mode.
Changing between continuous and shutdown will not clear any active alerts in the Alert_Status register register
and the ALERT pin will continue to be asserted until cleared by the host. The slew rate alert will not be triggered
again in shutdown mode but will not clear until read if it is already set.
www.ti.com
TMP126
SNIS209 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com