Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 14Page - Texas Instruments TMP126 Datasheet HTML 15Page - Texas Instruments TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments TMP126 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
8.5.2.1 Command Word Structure
Figure 8-10 shows that the command word can be divided into 6 discrete sections detailed below.
R/W
Peripheral controls SIO line
Controller controls SIO line
Auto Increment
X CRC L4
L3
L1
L0
A
R/W
Sub-Address
A7
A6
A5
A4
A3
A2
A1
A0
CRC Data Block Length
CS Pulled low
CRC Enable
Don’t Care
Figure 8-10. TMP126 Command Word
8.5.2.1.1 Don't Care
Bit15 of the command word is a don't care and the TMP126 will ignore this bit.
8.5.2.1.2 CRC Enable
Bit14 of the command word is the CRC enable bit. Setting this bit to 1b will enable the CRC checksum at the end
of the communication as described in the CRC section.
8.5.2.1.3 CRC Data Block Length
Bits[13:10] of the command word is the CRC data block length. These bits are used to indicate how long the
transaction will be when the CRC checksum is used. If this field is set to 0h or a value larger than Ah, the CRC
enable will be ignored.
8.5.2.1.4 Auto Increment
Bit9 of the command word is the auto-increment bit.
Setting this bit to '1' will cause the address pointer of the TMP126 to increment by after every word of data on
a read or write transaction. If the bit is set to '0', the address pointer is not incremented and reads/writes will
continue to only apply the Sub-Address specified in the command word.
8.5.2.1.5 Read/Write
Bit8 of the command word is the read/write bit.
Setting this bit to '1' will issue a read command. During a read command the TMP126 will control the SI/O pin
after the command word. Setting this bit to '0' will issue a write command. During a write command the controller
will control the SI/O pin and the TMP126 will tri-state the SI/O pin.
8.5.2.1.6 Sub-Address
Bits[7:0] of the command word make up the register Sub-Address.
This is the register map address that will be used for reading or writing data depending on the read/write
bit. Writes to Sub-Addresses outside the register map will be ignored. Reads from Sub-Addresses outside the
register map will return all '0's.
TMP126
SNIS209 – JULY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com