Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments TMP126 Datasheet HTML 22Page - Texas Instruments TMP126 Datasheet HTML 23Page - Texas Instruments TMP126 Datasheet HTML 24Page - Texas Instruments TMP126 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
R/W
Peripheral controls SIO line
Controller controls SIO line
Auto Increment
X
1
1
Sub-Address
A7
A6
A5
A4
A3
A2
A1
A0
CS pulled low
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N+1
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N+2
CRC Data Block Length
CRC Enable
Don’t Care
CRC L4
L3
L1
L0
Figure 8-14. Burst Data Read from Multiple Registers
8.5.2.5 Cyclic Redundancy Check (CRC)
The TMP126 has an optional CRC feature to determine the integrity of the data that has been transmitted across
the SPI communication interface. The CRC for the TMP126 is enabled by setting the CRC bit in the command
word to 1b. When enabled, the TMP126 will append a 16 bit CRC checksum to the end the data block for
read transactions. The controller can then compare this checksum to their own calculation and determine if the
transaction was valid. During a write transaction, the host will append the 16-bit CRC checksum. The TMP126
will compare this to its own checksum. If there is a mismatch, the TMP126 will discard the write transaction and
set a CRC fault ALERT to indicate to the host that the transaction failed. The host will need to send the register
settings again to correctly program the TMP126. Reading the Alert_Status register will clear the CRC_Fault bit
and de-assert the ALERT pin.
An overview of a CRC enabled write transaction is shown below with a data block length of 2.
CS
Peripheral controls SIO line
Controller controls SIO line
SIO
Command
Write Data
Write Data
Write Data
CRC
CRC determined by Command word and Data Block
Figure 8-15. CRC Enabled Write
An overview of a CRC enabled read transaction is shown below with a data block length of 2.
www.ti.com
TMP126
SNIS209 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com