Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14737 Datasheet HTML 3Page - Maxim Integrated Products MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products MAX14737 Datasheet HTML 10Page - Maxim Integrated Products MAX14737 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BUMP
NAME
FUNCTION
MAX14736
MAX14737
A1
A1
POK
Push-Pull Power-Okay Output. When the POK output is low, an OVLO, UVLO, or
thermal fault has been detected, or the device has been placed into shutdown mode.
A2
A2
GND
Ground
A3
—
EN
Active-Low Enable Input. Drive EN high to place the device in shutdown mode
(power switch is open). Drive EN low to place the device in normal operating mode.
—
A3
EN
Active-High Enable Input. Drive EN low to place the device in shutdown mode
(power switch is open). Drive EN high to place the device in normal operating mode.
B1, B2, C1
B1, B2, C1
IN
Overvoltage-Protection Input. Bypass IN with a 0.1µF ceramic capacitor for ±15kV
Human Body Model (HBM) ESD protection. No capacitor is required for ±2kV HBM
ESD protection. Externally connect all the IN pins together.
B3, C2, C3
B3, C2, C3
OUT
Overvoltage-Protection Output. Bypass OUT with at least a 1µF ceramic capacitor.
Externally connect all the OUT pins together.
WLP
TOP VIEW
BUMP-SIDE
DOWN
MAX14736
MAX14737
+ POK
1
IN
2
IN
3
GND
A
IN
B
OUT
C
EN (EN)
OUT
OUT
() MAX14736 ONLY
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector
www.maximintegrated.com
Maxim Integrated │ 7
Bump Configuration
Bump Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com