Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products MAX14737 Datasheet HTML 10Page - Maxim Integrated Products MAX14737 Datasheet HTML 11Page - Maxim Integrated Products MAX14737 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Applications Information
IN Bypass Capacitor
The MAX14736/MAX14737 do not require an input
capacitor, though it is generally recommended to bypass
IN to GND with a 0.1µF ceramic capacitor as close as
possible to the device. If the power source has significant
inductance due to long lead length or other non-ideal
layout conditions, the device clamps the overshoot due to
the LC tank circuit.
Output Capacitor
The soft-start functionality included in the MAX14736/
MAX14737 limits inrush current for 30ms (typ), allowing
the devices to charge capacitances over 1000µF.
ESD Test Conditions
ESD performance depends on a number of conditions.
The MAX14736/MAX14737 are specified for ±2kV (HBM)
typical ESD resistance on all pins and ±15kV (HBM) typi-
cal ESD resistance on IN with a 0.1µF bypass capacitor.
HBM ESD Protection
Figure 2 shows the Human Body Model, while Figure 3
shows the current waveform it generates when discharged
into low impedance. This model consists of a 100pF
capacitor charged to the ESD voltage of interest, which is
then discharged into the device through a 1.5kΩ resistor.
Figure 2. Human Body ESD Test Model
tr = 0.7ns TO 1ns
30ns
60ns
t
100%
90%
10%
I
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1MΩ
RD
1500Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3. Human Body Current Waveform
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com