Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14737 Datasheet HTML 1Page - Maxim Integrated Products MAX14737 Datasheet HTML 2Page - Maxim Integrated Products MAX14737 Datasheet HTML 3Page - Maxim Integrated Products MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(All voltages referenced to GND.)
IN (Note 1), OUT, EN, EN .......................................-0.3V to +6V
POK............................................. -0.3V to max (IN,OUT) + 0.3V
Maximum Current into IN (DC) (Note 2) ..............................4.5A
Peak Current into IN (10ms) ...................................................8A
Continuous Power Dissipation (TA = +70°C)
WLP (derate 11.9mW/°C above +70°C)......................952mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Soldering Temperature (reflow).......................................+260°C
WLP
Junction-to-Ambient Thermal Resistance (θJA) .....83.98°C/W
(Note 3)
(VIN = +2.1V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 4.3V, TA = +25°C, unless otherwise
noted.) (Note 4)
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN, OUT
Input Voltage Range
VIN
2.1
5.5
V
Supply Current
IIN
VIN = 4.3V, no load
13
30
µA
IN Shutdown Current
IIN_Q
Device disabled,
VIN = 4.3V, VOUT = 0V
2
6
µA
OUT Shutdown Current
Device disabled,
VOUT = 5V, VIN = 0V
2
6
µA
OVP
On-Resistance (IN to OUT)
RON
VIN = 4.3V, IOUT = 100mA,
15
22
mΩ
Overvoltage Trip-Level Threshold
VOVLO
VIN rising
MAX14736
4.600
4.700
4.800
V
MAX14737
5.095
5.200
5.305
V
Overvoltage Trip-Level Hysteresis
VOVLO_
100
mV
Undervoltage Trip-Level Threshold
VUVLO
2.015
V
Undervoltage Trip-Level Hysteresis
VUVLO_
80
mV
OUT Load Capacitance
COUT
100
µF
DIGITAL OUTPUT (POK)
Output Voltage Low
VOL
ISINK = 100µA
0.4
V
Output Voltage High
VOH
ISOURCE = 100µA
1.4
V
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Survives burst pulse up to ±40V with 2Ω minimum source resistance.
Note 2: Limited by thermal design.
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com