Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14737 Datasheet HTML 1Page - Maxim Integrated Products MAX14737 Datasheet HTML 2Page - Maxim Integrated Products MAX14737 Datasheet HTML 3Page - Maxim Integrated Products MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX14736/MAX14737 overvoltage-protection (OVP)
devices guard battery-powered modules in portable
devices against overvoltage faults. The low 15mΩ (typ)
on-resistance, as well as the low 13µA (typ) quiescent
supply current of the devices, minimize power consump-
tion, making them an ideal choice for low-power systems.
Additionally, the devices feature a precision overvoltage-
lockout (OVLO) threshold, ultra-fast response time, and
surge suppression to ±35V, which serve to provide excel-
lent protection against even high slew-rate, high-voltage
transients.
The integrated power transistor in the devices is a
p-channel device, but the intrinsic body diode from OUT
to IN is removed through appropriate design techniques.
Consequently, when the switch is in the off state, reverse-
current blocking that is inherent to the devices. The
MAX14736/MAX14737 feature a push-pull POK output,
which is driven low if either an overvoltage, undervoltage,
or thermal fault is detected; or if the device is placed into
shutdown mode.
The MAX14736 has an active-low enable pin (EN), while
the enable pin (EN) on the MAX14737 is active high.
When the enable pin is driven to the active state, the
device is enabled. When driven to the inactive state, the
device is placed in a low-power shutdown mode and the
switch is kept in the off state.
The MAX14736/MAX14737 are offered in a small, 9-bump
(1.34mm x 1.36mm) wafer-level package (WLP) and oper-
ate over the -40°C to +85°C extended temperature range.
Benefits and Features
● Protects Battery-Connected Modules with Minimal
Power Consumption
• Wide Operating Input Voltage: +2.1V to +5.5V
• 4.5A Continuous Current Capability
• Integrated 15mΩ (typ) pFET
• Ultra-Low Supply Current: 13µA (typ)
● Allows Precise Design in OVLO Implementation
• Preset Accurate Internal OVP Thresholds
• MAX14736: 4.7V ±2.0%
• MAX14737: 5.2V ±2.0%
● Increases System Reliability Through Premium
Security
• Surge Immunity to ±35V
• Soft-Start to Minimize Inrush Current
• Output Hot Plug-In Protection
• Thermal Shutdown
• Ultra-Fast OVP Response Time: 200ns (typ)
● Minimizes Board Space by Compact WLP
• 9-Bump 1.34mm x 1.36mm WLP
Applications
● Smartphones
● Tablet PCs
● e-Readers
Ordering Information appears at end of data sheet.
19-7517; Rev 0; 5/15
Typical Application Circuit
PMIC
GND
MAX14737
POK
OUT
OUT
OUT
EN
IN
IN
IN
0.1µF
1kΩ
0.1µF
CHGIN
BATIN
BYP
SYS
BYPASS
SYSTEM
MICRO-B USB
HIDDEN BATTERY
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector


Similar Part No. - MAX14737

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473 MAXIM-MAX1473 Datasheet
415Kb / 17P
315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 3; 11/03
MAX1473 MAXIM-MAX1473 Datasheet
293Kb / 6P
Evaluation Kit
Rev 1; 5/05
MAX1473 MAXIM-MAX1473 Datasheet
217Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473 Datasheet
294Kb / 6P
Multiple Test Points Provided On-Board
Rev 1; 5/05
MAX14731 MAXIM-MAX14731 Datasheet
666Kb / 8P
3V to 28V Operating Voltage Range
Rev 0; 7/17
More results

Similar Description - MAX14737

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
Delivers up to 37W of output power with minimal derating
logo
Littelfuse
ZEN056V230A16YC LITTELFUSE-ZEN056V230A16YC Datasheet
1Mb / 9P
Minimal power dissipation requirements
ZEN132V075A48LS LITTELFUSE-ZEN132V075A48LS Datasheet
876Kb / 9P
Minimal power dissipation requirements
logo
AVX Corporation
SCM AVX-SCM Datasheet
831Kb / 12P
Series-Connected SuperCapacitor Modules
logo
TAMURA Corporation.
EPM1210SJ TAMURA-EPM1210SJ Datasheet
452Kb / 9P
Power Modules 竊늁ower Supplies with Ultra-low Standby Power Consumption竊
BPM0580SJ TAMURA-BPM0580SJ Datasheet
274Kb / 9P
Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM1234SJ TAMURA-BPM1234SJ Datasheet
280Kb / 9P
Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM1527SJ TAMURA-BPM1527SJ Datasheet
277Kb / 9P
Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM2417SJ TAMURA-BPM2417SJ Datasheet
276Kb / 9P
Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
logo
Renesas Technology Corp
ZSPM4141 RENESAS-ZSPM4141 Datasheet
658Kb / 19P
Ultra-Low-Power Linear Regulator with Minimal Quiescent Current Technology
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com