Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14737 Datasheet HTML 1Page - Maxim Integrated Products MAX14737 Datasheet HTML 2Page - Maxim Integrated Products MAX14737 Datasheet HTML 3Page - Maxim Integrated Products MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VIN = +2.1V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 4.3V, TA = +25ºC, unless otherwise
noted.) (Note 4)
Note 4: All devices are 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 5: All timing characteristics are measured using 20% to 80% levels, unless otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE INPUT (EN, EN) (FIGURE 1)
EN, EN Input High Current
IEN_H
VIN = 5.5V, VEN = 3.0V, VEN = 3.0V
(internal 650kΩ connected to GND)
4.6
µA
EN, EN Input Low Current
IEN_L
VEN = 0V, VEN = 0V
-0.1
+0.1
µA
EN, EN Input Voltage High
VIH
1.6
V
EN, EN Input Voltage Low
VIL
0.4
V
TIMING CHARACTERISTICS (NOTE 5)
Debounce Time
tDEB
From VEN = 3.0V, VEN = 0V to when
POK goes high
15
ms
Soft-Start Time
tSS
30
ms
Switch Turn-On Time
tON
VIN = 5V, RL = 100Ω,
CL = 100µF, VOUT = 10% to 90% of
VIN
4
ms
Switch Turn-Off Response Time
tOFF_RES
VIN = VOVLO(MIN); VIN rising at
2V/µs until VOUT stops rising, RL =
200
ns
THERMAL PROTECTION
Thermal Shutdown
TSHDN
150
°C
Thermal Hysteresis
THYS
20
°C
ESD PROTECTION
Human Body Model
All pins
±2
kV
IN pin, with 0.1µF bypass capacitor
±15
kV
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com